PART |
Description |
Maker |
BUT11/B BUT11A/B |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 双极晶体管HOCHSPANNUNG
|
NXP Semiconductors N.V.
|
ST10F272M-4QR3 ST10F272M-4Q3 ST10F272M-4T3 ST10F27 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
STMicroelectronics
|
ST10F273 |
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
|
STMicroelectronics
|
ST10F272 ST10F272Z2Q3 ST10F272Z2T3 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
STMicroelectronics
|
ST10F272M-4T3 ST10F272M-4TR3 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
意法半导
|
ST10F28012 |
16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
|
STMicroelectronics
|
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
AT89C51CC03 |
8-bit microcontroller with CAN controller and 64-Kbyte Flash. 2-Kbyte RAM, 2-Kbyte EEPROM, SPI. Power Fail Detect (no need for external brown- out). Pinout compatible with T89C51CC01.
|
Atmel
|
UAA1044 |
8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
|
|
ATMEGA16L |
16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 8 Channel 10-bit A/D-converter.
|
ATMEL
|
ATMEGA32 ATMEGA32L |
32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation.
|
Atmel
|
|