PART |
Description |
Maker |
XR20V2172IL64 XR20V2172 |
TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
|
EXAR[Exar Corporation]
|
SC16IS74Q900 SC16IS74011 |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
|
NXP Semiconductors
|
SC16IS752IBS157 |
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Multiple 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32
|
NXP Semiconductors N.V.
|
STM32TS60ZH6Y STM32TS60 |
Multitouch screen controller device using a digital resistive touchpanel with I2C, SPI, UART and USB interfaces Multitouch screen controller device using a digital resistive touchpanel with I漏梅C, SPI, UART and USB interfaces
|
STMicroelectronics
|
CY8C28533-12AXQ |
Programmable System on a Chip; Voltage: 4.75V - 5.25V; GPIO: 40; Analog Blocks: 10; Digital Blocks: 12; Flash: 16KB; RAM: 1KB; Temp: Q; Comm: I2C, UART, SPI; Package: 44 TQFP MULTIFUNCTION PERIPHERAL, PQFP44
|
Cypress Semiconductor, Corp.
|
MAX9257A MAX9257AGCM MAX9257AGCV MAX9257AGTL MAX92 |
Fully Programmable Serializer/Deserializer with UART/I2C Control Channel
|
Maxim Integrated Products
|
ADT7411ARQZ-REEL7 ADT7411ARQZ10 ADT7411 ADT7411ARQ |
SPI/I2C® Compatible, 10-Bit Digital Temperature Sensor and Eight Channel ADC SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC SPI/I2C Compatible 10-Bit Digital Temperature Sensor and 8-Channel ADC
|
AD[Analog Devices] ETC[ETC]
|
HT45B0F |
SPI-to-UART Bridge
|
Holtek Semiconductor
|
P83CL782HDH P83CL781HDH |
Low voltage 8-bit microcontrollers with UART and I2C-bus
|
NXP Semiconductors
|