PART |
Description |
Maker |
SC16IS740IPW SC16IS750 SC16IS750IBS SC16IS750IPW S |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT403-1 (TSSOP16); Container: Tube 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO16 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT355-1 (TSSOP24); Container: Tube 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT355-1 (TSSOP24); Container: Reel Pack, SMD, 13", Turned 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT616-3 (HVQFN24); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
|
NXP Semiconductors N.V.
|
MAX310711 |
SPI/I2C UART with 128-Word FIFOs
|
Maxim Integrated Products
|
MAX3107 MAX3107EAG MAX3107ETG |
SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
|
Maxim Integrated Products
|
MAX310710 |
SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
|
Maxim Integrated Products
|
XR20M1280 XR20M1280IL40-F XR20M1280IL40TR-F |
I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
|
Exar Corporation
|
SC16IS752 SC16IS752IBS SC16IS752IPW SC16IS762 SC16 |
DUAL UART WITH I2C-BUS/SPI INTERFACE, 64 BYTES OF TRANSMIT AND RECEIVE FIFOS, IRDA SIR BUILT-IN SUPPORT
|
Philips Semiconductors
|
CY8C28533-12AXQ |
Programmable System on a Chip; Voltage: 4.75V - 5.25V; GPIO: 40; Analog Blocks: 10; Digital Blocks: 12; Flash: 16KB; RAM: 1KB; Temp: Q; Comm: I2C, UART, SPI; Package: 44 TQFP MULTIFUNCTION PERIPHERAL, PQFP44
|
Cypress Semiconductor, Corp.
|
STM8S001J3 |
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
|
STMicroelectronics
|
HT45B0F |
SPI-to-UART Bridge
|
Holtek Semiconductor Inc
|
SC18IM700IPW |
Master I2C-bus controller with UART interface
|
NXP Semiconductors
|
|