PART |
Description |
Maker |
T-12256 T-12254 T-12257 T-12258 T-12253 T-12252 T- |
Wideband RF Impedance Matching Transformers
|
Rhombus Industries Inc.
|
HS-2600RH 5962D9567101VPC HS7B-2600RH-Q HS7-2600RH |
Radiation Hardened Wideband/ High Impedance Operational Amplifier Radiation Hardened Wideband, High
Impedance Operational Amplifier(抗辐射宽带、高阻抗运算放大 CONNECTOR ACCESSORY Radiation Hardened Wideband, High Impedance Operational Amplifier OP-AMP, 12 MHz BAND WIDTH, CDIP8 Radiation Hardened Wideband, High Impedance Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, CDIP8
|
Intersil Corporation Intersil, Corp. http://
|
A553-1506-6E A553-1506-6K S553-5999-10 S553-5999-1 |
TOKENRINGTRANSFORMERS IMPEDANCE MATCHING AND ISOLATION TRANSFORMERS
|
BEL[Bel Fuse Inc.]
|
U4254BM-M U4254BM-MFP U4254BM-MPG3 |
Low-noise AM/FM Antenna Impedance Matching IC
|
ATMEL[ATMEL Corporation]
|
HA-2620 HA-2626 HA-2625 |
Op Amp, 100MHz, High Input Impedance, Very Wideband, Uncompensated, Offset=0.5mV Op Amp, 100MHz, High Input Impedance, Very Wideband, Uncompensated, Rad-Hard Op Amp, 100MHz, High Input Impedance, Very Wideband, Uncompensated, Offset=3.0mV
|
Intersil
|
HYB-1 |
WIDEBAND IMPEDANCE TRANSFORMING 180 3DB HYBRID 1-300 MHZ
|
Sirenza Microdevices, Inc
|
IDT72V73273 IDT72V73273BB IDT72V73273DR |
32K x 32K Digital Switch with Rate Matching 32k X 32k TSI, 65 I/Oat 2/4/8/16 or 32Mbps, Rate-Matching, 3.3V 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
|
IDT[Integrated Device Technology]
|
2SK246 |
Field Effect Transistor Silicon N Channel Junction Type For Constant Current, Impedance Converter and DC-AC High Input Impedance Amplifier Circuit Applications
|
TOSHIBA
|
CY7C4804V25 CY7C4806V25 CY7C4808V25 7C480XV25 |
2.5V 64K x 80 Unidirectional Synchronous FIFO w/Bus Matching(2.5V 64K x 80 单向同步先进先出带总线匹配) 2.5V 16K x 80 Unidirectional Synchronous FIFO w/Bus Matching(2.5V 16K x 80 单向同步先进先出带总线匹配) 2.5V 4K x 80 Unidirectional Synchronous FIFO w/Bus Matching(2.5V 4K x 80 单向同步先进先出带总线匹配) From old datasheet system 2.5V 4K/16K/64K x 80 UnidirectionalSynchronous FIFO w/Bus Matching
|
Cypress Semiconductor Corp.
|
HA-2505 HA3-2505-5 FN2890 |
12MHz, High Input Impedance, Operational Amplifier OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDIP8 12MHz, High Input Impedance,
Operational Amplifier(12MHz、高输入阻抗运算放大 12MHz/ High Input Impedance/ Operational Amplifier From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
DVJL10006.3-LF DVJL1006.3-LF DVJL22010-LF DVJL2206 |
SURFACE MOUNT SMD - 105C LOW IMPEDANCE DVJL SMD - 105°C LOW IMPEDANCE SMD - 105°C LOW IMPEDANCE
|
Dubilier
|