PART |
Description |
Maker |
IDT74FCT162501CT IDT74FCT162501AT IDT74FCT162501CT |
18-Bit Registered Transciever FAST CMOS 18-BIT REGISTERED TRANSCEIVER
|
IDT
|
74LVCH16543APAG8 |
IC LOGIC 16543 CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, TOLERANT I/O, AND BUS-HOLD 3.3V -40 85C TSSOP-56 2000/REEL LVC/LCX/Z SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
Integrated Device Technology, Inc.
|
74ABT16500 74ABT16500CMTD 74ABT16500CSSC 74ABT1650 |
18-Bit Registered Bus Transceiver with 3-STATE Outputs 6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers 18-Bit Universal Bus Transceivers with 3-STATE Outputs ABT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IDT29FCT52A IDT29FCT52AD IDT29FCT52ADB IDT29FCT52A |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-15 5K/REEL-13 快速CMOS八进制注册收发器 RECTIFIER FAST-RECOVERY SINGLE 3A 200V 150A-ifsm 1.2V-vf 150ns 5uA-ir DO-201AD 500/BULK FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CDFP24 FAST CMOS OCTAL REGISTERED TRANSCEIVERS FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CQCC28
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
74AVCM162835 |
18-bit registered driver with 15Ω termination resistors (3-State)(15Ω终端电阻18位寄存驱动器(三态)) 18-bit registered driver with 15惟 termination resistors (3-State)(甯?5惟缁???甸???8浣??瀛?┍?ㄥ?锛?????)
|
NXP Semiconductors N.V.
|
PI74ALVCH16270 |
From old datasheet system 12-Bit To 24-Bit Registered Bus Exchanger with 3-State Outputs
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp.
|
SSTUB32866EC/G SSTUB32866EC/S |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
NXP Semiconductors
|
HD74ALVCHR162269A |
12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74ALVCH162270 |
12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74ALVCH16269 |
12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs
|
Renesas Electronics Corporation
|
74AVCM162834 |
18-bit registered driver with inverted register enable with 15Ω termination resistors (3-State)(15Ω终端电阻的具有反相寄存使能的18位寄存驱动器(三态)) 18-bit registered driver with inverted register enable with 15惟 termination resistors (3-State)(甯?5惟缁???甸????????稿?瀛?娇?界?18浣??瀛?┍?ㄥ?锛?????)
|
NXP Semiconductors N.V.
|