PART |
Description |
Maker |
SC16C752BIBS SC16C752B SC16C752BIB48 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
|
PHILIPS[Philips Semiconductors]
|
SC16C2550B SC16C2550BIA44 SC16C2550BIB48 SC16C2550 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
|
Philips Semiconductors
|
SC68C752B SC68C752BIB48 SC68C752BIBS |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode μP interface 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 渭P interface
|
NXP Semiconductors
|
SC16C652BIBS151 SC16C652BIB48157 SC16C652BIB48151 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT313-2 (LQFP48); Container: Tray Pack, Bakeable, Single 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP48 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT313-2 (LQFP48); Container: Tray Pack, Bakeable, Multiple 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP48 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Single 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32
|
NXP Semiconductors N.V.
|
SC16C754B |
5 V - 3.3 V and 2.5 V quad UART - 5 Mbit/s (max.)
|
NXP Semiconductors
|
SC16C554B |
5 V 3.3 V and 2.5 V quad UART - 5 Mbit/s (max.) with 16-byte FIFOs
|
NXP Semiconductors
|
SC16C554B SC16C554BIB64 SC16C554BIB80 SC16C554DB S |
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
|
Philips Semiconductors
|
SC16C852V08 SC16C852VIBS SC16C852VIET SC16C852VIET |
1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface; Package: SOT912-1 (TFBGA36); Container: Tray Pack, Bakeable, Single 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PBGA36
|
NXP Semiconductors N.V.
|
SC16C554BIBM151 SC16C554BIB64157 SC16C554BIBM157 S |
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs; Package: SOT414-1 (LQFP64); Container: Tray Pack, Bakeable, Single 4 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP64 5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs; Package: SOT314-2 (LQFP64); Container: Tray Pack, Bakeable, Multiple 4 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP64 5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs; Package: SOT414-1 (LQFP64); Container: Tray Pack, Bakeable, Multiple 4 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP64
|
NXP Semiconductors N.V.
|
M28W320C-GBT M28W320CB100GB1T M28W320CB100GB6T M28 |
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory 32 Mbit 2Mb x16, Boot Block Low Voltage Flash Memory 32 Mbit 2Mb x16/ Boot Block Low Voltage Flash Memory Quadruple ESD transient voltage suppressor - Cd max.: 50 pF; IRM max: 0.1A; Number of protected lines: 4 ; PPP max: 0 W; VBR typ.: 20 V; VRWM: 15 V Quadruple ESD transient voltage suppressor - Cd max.: 200 pF; IRM max: 0.7A; Number of protected lines: 4 ; PPP max: 0 W; VBR typ.: 6.2 V; VRWM: 4 V
|
意法半导 STMicroelectronics
|
IDT7164 IDT7164L IDT7164L15D IDT7164L15DB IDT7164L |
Dual UART with 16-Byte Fifos, Selectable IR & 1284 Modes 80-QFP CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 30 ns, PDIP28 8347 PBGA NO-PB W/O ENCR 8K X 8 STANDARD SRAM, 30 ns, PDIP28 CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 55 ns, CDIP28 Replaced by TL16C754B : Quad UART with 64-Byte Fifos, Auto Flow Control, Low-Power Modes 68-PLCC -40 to 85 8K X 8 STANDARD SRAM, 25 ns, PDIP28 Dual UART With 64-Byte FIFO 32-QFN 0 to 70
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
|