PART |
Description |
Maker |
MMBF0202PLT1 MMBF0202PL MMBF0202PLT1-D MMBF0202PLT |
Power MOSFET 300 mAmps, 20 Volts P-Channel SOT-23
|
ON Semiconductor
|
FM600TU-2A |
6-PACK High Power MOSFET Module 300 Amperes/100 Volts
|
Powerex Power Semiconductors
|
SFX9130J |
10 AMP /100 Volts 300 mΩ P-Channel MOSFET 10 AMP /100 Volts 300 mヘ P-Channel MOSFET 10 AMP /100 Volts 300 mOMH P-Channel MOSFET
|
SSDI[Solid States Devices, Inc]
|
APT30M40B2VR APT30M40LVR APT30M40LVRG |
Power MOSFET; Package: TO-264 [L]; ID (A): 76; RDS(on) (Ohms): 0.04; BVDSS (V): 300; 76 A, 300 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA POWER MOS V 300V 76A 0.040 Ohm
|
Microsemi, Corp. Advanced Power Technology
|
APT30M70SVRG APT30M70BVRG |
Power MOSFET; Package: D3 [S]; ID (A): 48; RDS(on) (Ohms): 0.07; BVDSS (V): 300; 48 A, 300 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET; Package: TO-247 [B]; ID (A): 48; RDS(on) (Ohms): 0.07; BVDSS (V): 300; 48 A, 300 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD
|
Microsemi, Corp.
|
MTD3055V1 MTD3055VT4 MTD3055V MTD3055V-D |
Power MOSFET 12 Amps, 60 Volts N-Channel DPAK Power MOSFET 12Amps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
NTTD1P02R2-D NTTD1P02R2/D |
Power MOSFET -1.45 Amps-20 Volts Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package
|
ON Semiconductor
|
NTP85N03 NTB85N03 NTB85N03T4 |
Power MOSFET 85 Amps / 28 Volts Power MOSFET 85 Amps, 28 Volts N-Channel TO-220(85A,28V,N通道,TO-220封装的功率MOSFET)
|
ONSEMI[ON Semiconductor]
|
NTP27N06L-D NTB27N06L NTP27N06L |
Power MOSFET 27Amps, 60 Volts,Logic Level N-Channel TO-220(27A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 27 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 27 Amps, 60 Volts, Logic Level N-Channel TO-220 and D2PAK
|
ITT, Corp. ON Semiconductor
|
BSS84LT1/D BSS84LT1-D |
Power MOSFET 130 mAmps, 50 Volts P-Channel SOT-23 Power MOSFET 130 mAmps50 Volts
|
ON Semiconductor
|
MBRP30045C MBRP30060CT MBRP30045CT MBRP30045CT_D O |
From old datasheet system 300 AMPERES 45 to 60 VOLTS POWERTAP II SWITCHMODE⑩ Power Rectifiers
|
ON Semi MOTOROLA[Motorola, Inc]
|