PART |
Description |
Maker |
LTC1708-PG |
Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Regulator Controller
|
Linear Technology
|
L6919ETR L6919E |
From old datasheet system 5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
|
STMICROELECTRONICS[STMicroelectronics]
|
LTC1709-8 LTC1709-81 LTC1709-9 |
2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
|
Linear Technology
|
LTC1873 |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID(550kHz,同步2相开关稳压器(位VID))
|
Linear Technology Corporation
|
FAN53168 FAN53168MTC FAN53168MTCX |
2 to 4 Phase 6-bit VID-Controlled Synchronous Buck Controller 6-Bit VID Controlled 2-4 Phase DC-DC Controller
|
FAIRCHILD[Fairchild Semiconductor]
|
LTC1703IGPBF LTC1703IG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC1706EMS-81 LTC1706-81 LTC1706-81-15 |
5-Bit Desktop VID Voltage Programmer
|
Linear Technology Corporation http://
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
PI1004-2-QAHG PI1004-1 PI1004-1-QAHG PI1004-2 |
Programmable Point-of-Load Controller with 6-bit VID
|
VICOR[Vicor Corporation]
|
FAN53180MTCX |
2 to 4 Phase 6-bit VID-Controlled Synchronous Buck Controller
|
Fairchild Semiconductor
|
FM3570 FM3570M20 FM3570M20X FM3570MT20X FM3570MT20 |
4/5-Bit Multiplexed 1-Bit Latched Port with Standard 2-Wire Bus Interface & Non-Volatile Latches CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID 2mm TERMINAL STRIP
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|