PART |
Description |
Maker |
B800 |
XDSL SPLITTER FILTER MODULE
|
Pulse A Technitrol Comp...
|
T15102 T15101 RM6 |
xDSL POTs Splitter< Pin Type: RM Series> xDSL POTs Splitter , Pin Type: RM Series
|
Sumida Corporation
|
B78417A1698A003 |
xDSL Transformers ADSL Interface
|
EPCOS[EPCOS]
|
B78421P1482A005 |
xDSL Transformers ADSL Interface
|
EPCOS[EPCOS]
|
B78421P1457A005 |
xDSL Transformers HDSL Interface
|
EPCOS[EPCOS]
|
EEH1313 |
xDSL POTs Splitter Pin Type: EEH Series
|
Sumida Corporation
|
B82796C0502N201 B82796C0475N265 |
Data Line Chokes for Telecommunications xDSL Transformers 数据线扼流圈电信的xDSL变压
|
EPCOS AG
|
B705 |
XDSL SPLITTER FILTER MODULE
|
Pulse A Technitrol Comp...
|
B706 |
XDSL SPLITTER FILTER MODULE
|
Pulse A Technitrol Comp...
|
B701 |
XDSL SPLITTER FILTER MODULE
|
Pulse A Technitrol Comp...
|
PD4-950/1700-200S PD4-1225/1275-50N PD2-1400/2300- |
950 MHz - 1700 MHz RF/MICROWAVE SPLITTER, 0.5 dB INSERTION LOSS 12250 MHz - 12750 MHz RF/MICROWAVE SPLITTER, 0.75 dB INSERTION LOSS 1400 MHz - 2300 MHz RF/MICROWAVE SPLITTER, 0.2 dB INSERTION LOSS 2000 MHz - 4000 MHz RF/MICROWAVE SPLITTER, 0.5 dB INSERTION LOSS 4000 MHz - 8000 MHz RF/MICROWAVE SPLITTER, 0.25 dB INSERTION LOSS
|
MITEQ, Inc. MITEQ INC
|
LT6301 LT6301CFE LT6301IFETR |
Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package Dual 500mA/ Differential xDSL Line Driver in 28-Lead TSSOP Package 500mA, Differential xDSL Line Driver in SSOP-28 Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package; Package: TSSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DUAL LINE DRIVER, PDSO28
|
Linear Technology, Corp.
|