PART |
Description |
Maker |
ST6280BQ6/GEN ST62T80BQ6 |
ST62T80B/ST62E80B/ST6280B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8-BIT MICROCONTROLLER (MCU) WITH 8K OTP, ROM, EPROM, FASTROM WITH LCD DRIVER, EEPROM AND A/D CONVERTER, 100 PINS
|
ST Microelectronics
|
ST90158-ST90135 ST90158M9T1 ST90R158T1 ST90E158P9L |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM 8/16-BIT MICROCONTROLLER (MCU) WITH 16 TO 64K ROM, OTP OR EPROM, 512 TO 2K RAM - ST9 FAMILY
|
ST Microelectronics SGS Thomson Microelectronics
|
ST62P03CM6 ST62P03CM1 ST62P03CM3 ST62T01CM6/TR ST6 |
(ST62P00C - ST62P03C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER (MCU) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGUARD. SAFE RESET AND 16 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器保障。安全复位和16个引
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
ST62T30BM6_TR ST62T30BM6 ST62P30BM6 ST62P30BM3 ST6 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI, UART AND 28 PINS
|
STMicroelectronics
|
ST6373 ST6373J2B1 ST6373J3B1 ST6373J5B1 5022 ST63E |
8-BIT MICROCONTROLLER (MCU) WITH ROM, EPROM, OTP FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS 8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS From old datasheet system
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ST6235BQ6 ST62P35BQ6 ST62T35BQ6 |
8-BIT MICROCONTROLLER ( MCU ) FAMILY WITH OTP, ROM, FASTROM, EPROM, ADC, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI, UART AND 52 PINS
|
ST Microelectronics
|
ST6260BB6_XXX ST6263BB6_XXX ST6253CM3_XXX ST62P53C |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. SAFE RESET. AUTO-RELOAD TIMER. EEPROM AND SPI 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。安全复位。自动重加载定时器。的EEPROM和SPI MEM, SDRAM, DDR, MT46V8M16, TSOP66, 8MX16, 7.5 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
|
STMicroelectronics
|
ST72101G1M1/XXX ST72213G1M1/XXX ST72101G2M1/XXX ST |
8-BIT MICROCONTROLLER 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 8位微控制器有4K的光双层/存储器,256字节RAM,ADC的,水分散粒剂,SPI2定时 16-Bit Buffers And Line Drivers With 3-State Outputs 48-SSOP -40 to 85 8位微控制器有4K的光双层/存储器,256字节RAM,ADC的,水分散粒剂,SPI定时 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 8位微控制器有4K的光双层/存储器,256字节RAM,ADC的,水分散粒剂,SPI定时
|
STMicroelectronics N.V.
|
ST62P60CB6 ST62T60CB6 ST62T53CB3 ST62T53CM3 ST62T5 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, EPROM, A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
|
ST Microelectronics
|
ST6280BQ6 ST6280BQ1 ST62E80BG1 5517 |
8-BIT MICROCONTROLLER (MCU) WITH 8K OTP, ROM, EPROM, FASTROM WITH LCD DRIVER, EEPROM AND A/D CONVERTER, 100 PINS From old datasheet system
|
STMicroelectronics
|
ST72311N2B1 ST72311N2B6 ST72311N2B6S ST72311N2T1 S |
8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72141K2M6 ST72141K2B6 ST72141K2 ST72141K ST72141 |
8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE 8-BIT MICROCONTROLLER (MCU) FOR ELECTRIC-MOTOR CONTROL WITH 8K ROM/OTP/EPROM, 256 BYTES RAM,ADC, WDG, SPI & 2 TIMERS, SDIP32-SO34
|
STMICROELECTRONICS[STMicroelectronics]
|