PART |
Description |
Maker |
0194200010 194200010 |
MX150L Female Terminal for 18-22 AWG Wire, Tin Plated
|
Molex Electronics Ltd.
|
19418-0005 |
Connector; Gender:Female; Number of Contacts:4; Series:MX150L; Color:Black; For Use With:19420; Pitch Spacing:5.84mm; Wire Size (AWG):22-18 4 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
0194170047 |
MX150L?/a> Male Terminal for 14-16 AWG Wire, Length 25.40mm (1.00)
|
Molex Electronics Ltd.
|
19432-0002 |
4 CKT RECPT 8 AWG W/CPA MX150L 4 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
02-06-1131 02-06-5138 02-06-1132 02-06-5148 |
CRIMP TERMINAL, FEMALE (1.57)/.062 DIA., BRASS FOR 24 THRU 30 GA. WIRE 062 Female Term Chain Brs 30Au 24-30 BRASS, GOLD FINISH, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):30-24; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Gender:Female; Pitch Spacing:1.75mm BRASS, TIN FINISH, WIRE TERMINAL 062 Female Term Loose Brs 30Au 24-30
|
Molex Electronics Ltd. Molex, Inc. MOLEX INC
|
0194280009 SD-19428-001 |
5.84mm (.230) Pitch MX150L 5.84mm (.230") Pitch MX150L??/a> MOLEX Connector
|
Molex Electronics Ltd.
|
10-01-1064 10-01-1014 10-01-1114 10-01-1044 91813- |
PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 6 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:1; Series:KK; Body Material:Nylon; Number of Rows:1 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5.08mm KK Crp Term Hsg 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 4 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc. MOLEX INC
|
19019-0052 19019-0037 19019-0057 19019-0049 19019- |
.250X.032 FEM.QD AVIKRIMP (P-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 10-12AWG 6 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK./REEL (PZ-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEM.QD AVIKRIMP (P-8139-032) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190190054 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.020 FEM.QD AVIK. TAPED (BB-8138T) 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD AVIKRIMP (BB-8191-032 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .187 FEMALE INSUL 14-16AWG 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK. TAPED (C-8143T)
|
Molex, Inc. MOLEX INC
|
0348030211 |
CTX64 Female Terminal
|
Molex Electronics Ltd.
|
0561218428 56121-8428 |
Mini-HMC?/a> Female Terminal, for 18-22 AWG, Lead-free, Reel Packaging Mini-HMC Female Terminal, for 18-22 AWG, Lead-free, Reel Packaging Mini-HMC垄芒 Female Terminal, for 18-22 AWG, Lead-free, Reel Packaging
|
Molex Electronics Ltd.
|
35746-0210 35746-0110 35746-0410 |
.070 FEMALE TERMINAL(A-TYPE)
|
Molex Electronics Ltd.
|
|