PART |
Description |
Maker |
AT24C1024B08 AT24C1024B-W-11 AT24C1024BN-SH-B AT24 |
Two-wire Serial EEPROM 1M (131,072 x 8) 8-TSSOP, PB/HALO FREE,NiPdAu, 2.5V(SERIAL EE) 128K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8-dBGA2, PB/HALO FREE,1.8V(SERIAL EE)
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel, Corp.
|
AT93C46D08 AT93C46D-PU AT93C46D-TH-B AT93C46DU3-UU |
8 TSSOP, PB/HALO FREE, 1.8V(SERIAL EE) 64 X 16 3-WIRE SERIAL EEPROM, PDSO8 8 SOIC, PB/HALO FREE,1.8V(SERIAL EE) 64 X 16 3-WIRE SERIAL EEPROM, PDSO8 Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
|
Atmel, Corp. http:// 聚兴科技股份有限公司 ATMEL Corporation
|
N8T97 N8T98 N8T95 N8T98N 8T95 8T96 8T97 8T98 N8T95 |
8-Channel, 10-Bit ADC with I2C Compatible Interface in 20-Lead TSSOP; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial High Speed Hex 3-State Buffers/Inverters 高速六角三态缓冲器/逆变
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
VTSRC20AA VSSRC20AA VTSR-AA VTSRC20AA121100UF VTSR |
RC NETWORK, T-FILTER, 1W, 82ohm, 0.000022uF, SURFACE MOUNT, TSSOP-20 25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks RC NETWORK, T-FILTER, 1W, 120ohm, 0.00001uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 1W, 39ohm, 0.000015uF, SURFACE MOUNT, TSSOP-20
|
Vishay Siliconix VISHAY THIN FILM
|
12S12.250SMT 48S12.250SMT 12S3R3.700SMT 12S5.600SM |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits iButton Halo DC to DC Converter DC至DC转换 COM Port Adapter DC至DC转换
|
SUSUMU Co., Ltd. Pulse Engineering, Inc.
|
AD7923BRU EVAL-AD7923CB2 AD7923 |
Four Wall Header; No. of Contacts:60; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Body Material:Glass-filled Polyester; Contact Plating:Nickel; Leaded Process Compatible:No; Mounting Type:Through Hole RoHS Compliant: No 4-Channel 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP 4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP 4-Channel 200 kSPS, 12-Bit A/D Converter with Sequencer in 16-Lead TSSOP
|
ADC AD[Analog Devices]
|
AD7928BRUZ-REEL AD7908BRUZ AD7908WYRUZ-REEL7 AD790 |
8-Channel, 1 MSPS, 12-Bit A/D Converter with Sequencer in 20-Lead TSSOP; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 8-Channel, 1 MSPS, 8-Bit A/D Converter with Sequencer in 20-Lead TSSOP; Package: TSSOP; No of Pins: 20; Temperature Range: Commercial 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs 8-Channel, 1 MSPS, 10-Bit A/D Converter with Sequencer in 20-Lead TSSOP; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
BL-HJD36D BL-HS136D BL-HUB36D BL-HJB36D BL-HG436D |
Bluish green, 30 mA, surface mount chip LED lamp Pure green, 30 mA, surface mount chip LED lamp 1-to-9 PLL Clock Driver 24-TSSOP 表面贴装芯片LED节能 3.3-V Phase-Lock Loop Clock Driver 24-TSSOP 表面贴装芯片LED节能 SURFACE MOUNT CHIP LED LAMPS 表面贴装芯片LED节能 High Speed CMOS Logic Hex Inverters 14-TSSOP -55 to 125 Yellow, 30 mA, surface mount chip LED lamp
|
Yellow Stone, Corp. 早安股份有限公司 Yellow Stone Corp
|
APC308OI-TUL APC308OI-TR APC308OI-TRL APC308KI-TUL |
OP-AMP, PDSO8 LEA DFREE, TSSOP-8 OP-AMP, PDSO8 TSSOP-8
|
Anpec Electronics, Corp. ANPEC ELECTRONICS CORP
|
NJM2188 NJM2188D NJM2188M NJM2188V |
Micropower Integrated Precision Voltage Reference 8-TSSOP -40 to 85 Micropower Integrated Precision Voltage Reference 8-TSSOP 0 to 70 Passive Matrix TruSurround 3D Audio Processor
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
M27C801 M27C801-120F M27C801-100B M27C801-80N6X M2 |
8 MBIT (1MB X 8) UV EPROM AND OTP EPROM 16-To-32 Bit Registered Bus Exchanger With Byte Masks And 3-State Outputs 80-TSSOP -40 to 85 Octal Positive-Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 CAP .027UF 400V POLYPROPYLENE 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 81兆8紫外线存储器和OTP存储 8 Mbit 1Mb x 8 UV EPROM and OTP EPROM 8兆8紫外线存储器和OTP存储 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 8兆8紫外线存储器和OTP存储 Octal Positive-Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-TSSOP -40 to 85 8兆8紫外线存储器和OTP存储 1M X 8 OTPROM, 100 ns, PQCC32
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|