PART |
Description |
Maker |
0430300001 43030-0001 |
Micro-Fit 3.0 Crimp Terminal, Female, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Reel Micro-Fit 3.0垄芒 Crimp Terminal, Female, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Reel
|
Molex Electronics Ltd.
|
0430310002 43031-0002 |
Micro-Fit 3.0?/a> Crimp Terminal, Male, with Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Reel Micro-Fit 3.0 Crimp Terminal, Male, with Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Reel Micro-Fit 3.0垄芒 Crimp Terminal, Male, with Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Reel
|
Molex Electronics Ltd.
|
0462350001 46235-0001 |
Micro-Fit 3.0 Reduced Mating Force, Crimp Terminal, Female, with 0.38um (15u") Selective Gold (Au) Micro-Fit 3.0 Reduced Mating Force, Crimp Terminal, Female, with 0.38um (15u) Selective Gold (Au)
|
Molex Electronics Ltd.
|
0430300001-18 |
Micro-Fit 3.0 Crimp Terminal, Female, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Reel
|
Molex Electronics Ltd.
|
0462350004 46235-0004 |
Micro-Fit 3.0 Reduced Mating Force, Crimp Terminal, Female, with .0.76um (30u") Selective Gold Micro-Fit 3.0 Reduced Mating Force, Crimp Terminal, Female, with .0.76um (30u) Selective Gold
|
Molex Electronics Ltd.
|
0430300009 43030-0009 |
Micro-Fit 3.0 Crimp Terminal, Female, with Select Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Bag Micro-Fit 3.0垄芒 Crimp Terminal, Female, with Select Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Bag
|
Molex Electronics Ltd.
|
0430300007 43030-0007 |
Micro-Fit 3.0 Crimp Terminal, Female, with Tin (Sn) Plated Tin/Brass Alloy Contact, 20-24 AWG, Bag Micro-Fit 3.0垄芒 Crimp Terminal, Female, with Tin (Sn) Plated Tin/Brass Alloy Contact, 20-24 AWG, Bag
|
Molex Electronics Ltd.
|
44914-0801 44914-0802 44914-0803 44914-0201 44914- |
3.00mm (.118隆卤) Pitch Micro-Fit 3.0, CPI垄芒 Micro-Fit 3.0, BMI垄芒 CPI Vertical Headers 3.00mm (.118? Pitch Micro-Fit 3.0, CPI Micro-Fit 3.0, BMI CPI Vertical Headers 3.00mm (.118? Pitch Micro-Fit 3.0, CPI?/a> Micro-Fit 3.0, BMI?/a> CPI Vertical Headers MicroFit 3.0 Header Vert CPI 12 ckt 569 12 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Header Vert CPI 8ckt 121 8 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT 452802201 22 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT
|
Molex Electronics Ltd. Molex, Inc.
|
0444761112 44476-1112 |
Mini-Fit HCS Crimp Terminal 44476, 18-20 AWG, Bag, Copper (Cu) Alloy, Tin (Sn) Mini-Fit HCS Crimp Terminal 44476, 18-20 AWG, Bag, Copper (Cu) Alloy, Tin (Sn)
|
Molex Electronics Ltd.
|
1451320300 |
Micro-Fit TPA-to-Micro-Fit TPA Off-the-Shelf (OTS) Cable Assembly, Single Row,75.00mm Length, 3 Circuits, Black
|
Molex Electronics Ltd.
|
0039000080 5556PBT3L |
4.20mm (.165) Pitch Mini-Fit?/a> Crimp Terminal, Female, Phosphor Bronze, Tin (Sn), 16 AWG, Bag 4.20mm (.165) Pitch Mini-Fit Crimp Terminal, Female, Phosphor Bronze, Tin (Sn), 16 AWG, Bag MOLEX Connector
|
http:// Molex Electronics Ltd.
|
0039000041 39-00-0041 |
4.20mm (.165) Pitch Mini-Fit Crimp Terminal, Male, with Tin (Sn) over Copper (Cu) Plated Brass Contact 4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Male, with Tin (Sn) over Copper (Cu) Plated Brass Contact MOLEX Connector
|
Molex Electronics Ltd.
|
|