PART |
Description |
Maker |
RC336DPEL RCV336DPEL RCV336DPELSP RCV336DPFL |
V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
|
ETC
|
XF0023C |
Data Coupling Transformer
|
XFMRS Inc.
|
RC288DPL RCV288DPL RC288DPI RC288DPI-D RC288DPL-D |
V.34 Data/V.17 Fax/Voice Modem Data Pumps
|
N.A. ETC[ETC]
|
RC336DPFL RCV336DPFL RCV336DPFLSP |
V.34 data, V.17 fax, AudioSpan, modem data pump V.34 data, V.17 fax, AudioSpan, voice, modem data pump V.34 data, V.17 fax, AudioSpan, voice, speakerphone, modem data pump
|
Rockwell
|
RCV336DPFL |
AudioSpan / Voice / Speakerphone / Modem Data Pump
|
Rockwell
|
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
ISD1100-SERIES |
Single-Chip Voice Record/Playback Device 10- and 12-Second Durations Data Sheet Body
|
Winbond Electronics
|
ISD2532 ISD2540 ISD2548 ISD2564 |
Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, and 64-Second Durations Data Sheet Body
|
Winbond Electronics
|
DM562AP DM6580E DM6588AF |
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
|
ETC[ETC]
|
AD1801 |
Single-Chip Fax/Data/ Voice Modem(单片的传数据/语音调制解调 单芯片传数据/语音调制解调器(单片的传数据/语音调制解调器)
|
Analog Devices, Inc.
|
MSS0907 MSS1807 MSS0307 MSS0307-1 MSS0607 MSS1207 |
3/ 6/ 9/ 12 / 15 / 18 VOICE ROM 9 Voice VROM
|
MOSEL[Mosel Vitelic, Corp] MOSEL[Mosel Vitelic Corp]
|
SI3050-E-GT SI3050-E-FT SI3050-E-GSR SI3050-KT SI3 |
GLOBAL VOICE DAA PCM highway data interface law A-law companding SPI control interface GCl interface
|
Silicon Laboratories
|