PART |
Description |
Maker |
IP78M12A-LCC4 IP78M12-LCC4 IP78M15A-LCC4 IP78M15-L |
0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V绋冲????剁?琛ㄨ创灏??)) Voltage Regulator 电压调节 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 15 V FIXED POSITIVE REGULATOR, CQCC18 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,15V稳压陶瓷表贴封装)) 0.5安培正电压稳压器在陶瓷表面贴装封装(0.5甲,15V的稳压器(陶瓷表贴封装) 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 5 V FIXED POSITIVE REGULATOR, CQCC18 Power Resistor; Series:TWW; Resistance:15ohm; Resistance Tolerance: /- 5 %; Power Rating:5W; Voltage Rating:350V; Temperature Coefficient:400ppm/ C 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V绋冲????剁?琛ㄨ创灏??))
|
Honeywell International, Inc. TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB] SEMELAB LTD
|
1SMB5953BT3 1SMB5945BT3 1SMB5948BT 1SMB5954BT3 1SM |
PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS HEADER,10 CONTACT,1 surface mount silicon Zener diodes 130 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 3.9 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V / 5V, 160MHz 1:4 Outputs Clock Driver 33 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 表面贴装硅稳压二极管 surface mount silicon Zener diodes 16 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 5.1 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V, 140MHz Mobile PC 1:7 Output Clock Driver with Edge Rate Control CONN TERM BLK GROUNDING 4.2MM AI10-12BN ER 24C 24#16 PIN RECP LINE 3 Watt Plastic Surface Mount Silicon Zener Diodes From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola Inc Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA [Motorola, Inc] MOTOROLA[Motorola, Inc]
|
SM5391B SM5393B SM5397B SM5398B SM5399B SM5395B SM |
1.5 AMP SURFACE MOUNT SILICON RECTIFIERS
|
UNIOHM CORPORATION
|
S2G S2B S2M S2A S2J |
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
|
UNIOHM CORPORATION
|
SM5391A SM5397A SM5398A SM5399A SM5393A SM5395A SM |
1.5 AMP SURFACE MOUNT SILICON RECTIFIERS
|
UNIOHM CORPORATION
|
GL34J GL34G GL34B GL34A |
0.5 AMP SURFACE MOUNT SILICON RECTIFIERS
|
UNIOHM CORPORATION
|
SS4001 SS4007 |
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
|
Goodwork Semiconductor Co.,...
|
CSHDD16-60A CSHDD16-100A CSHDD16-40A CSHDD16-60ATR |
16 A, 60 V, SILICON, RECTIFIER DIODE SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS DUAL, COMMON ANODE 16 AMP, 40 THRU 100 VOLTS
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
DF005S |
1 AMP SURFACE MOUNT GLASS PASSIVATED SILICON BRIDGE
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
CMR2-04 CMR2-02 CMR2-0210 CMR2-06 CMR2-10 |
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 2 AMP
|
Central Semiconductor Corp Central Semiconductor C...
|