PART |
Description |
Maker |
LTC2312 LTC2313 LTC2314 LTC2315 |
12-Bit/14-Bit, 5Msps/4.5Msps/ 2.5Msps/500ksps/Serial, High Speed SAR ADCs
|
Linear Technology
|
LTC2311 |
Single 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
|
Linear Technology
|
MAX1069 MAX1069ACUD MAX1069BCUD MAX1069CCUD MAX106 |
0.3-6V; 58.6ksps, 14-bit, 2-wire serial 8-bit serial ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision 58.6ksps 14-Bit 2-Wire Serial ADC " 58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP" 58.6ksps / 14-Bit / 2-Wire Serial ADC
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1239EEE-T MAX122BEAG MAX122BEAGT MAX1241AESA-T |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Maxim Integrated Products, Inc.
|
24C016 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
Integrated Silicon Solution Inc
|
AD7871 AD7871TQ AD7872AN AD7872KR AD7871KN AD7872J |
CMOS, Complete 14-Bit Sampling ADC with Serial Output CMOS, Complete 14-Bit, Sampling ADC with Three Data Output Formats 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 10-Bit, 20 MSPS ADC SE/Diff Inputs with Int References and 9.5 bit ENOB 28-SOIC -40 to 85 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 LC2MOS Complete 14-Bit, Sampling ADCs 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 LC2MOS Complete 14-Bit/ Sampling ADCs
|
ANALOG DEVICES INC Analog Devices, Inc.
|
IS24C08A-3PLA3 IS24C02A-3SLA3 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
W25X80VZPIZ W25X10 W25X10_07 W25X10VDAC W25X10VDAC |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
WINBOND[Winbond]
|
W25X10AL W25X10ALDAIG W25X10ALDAIZ W25X10ALSNIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
LTC2351IUH-12TRPBF LTC2351-12-15 |
6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 85°C 6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
|
LINEAR TECHNOLOGY CORP
|