Part Number Hot Search : 
YT396J 020A0 GMZ33 1761B BU4911 C2020T C230M3 APTGT1
Product Description
Full Text Search
  3.5msps Datasheet PDF File

For 3.5msps Found Datasheets File :: 134    Search Time::3.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 |   

    MAXIM[Maxim Integrated Products]
Part No. MAX1071ETC-T MAX1070 MAX1070CTC-T MAX1070ETC-T MAX1071CTC-T
OCR Text ...operate from a single +2.7V to +3.6V supply voltage and require an external reference. The MAX1070 has a unipolar analog input, while the MA...5Msps Sampling Rate Only 18mW (typ) Power Dissipation Only 1A (max) Shutdown Current High-Speed, ...
Description 1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs

File Size 1,187.51K  /  18 Page

View it Online

Download Datasheet





    LINEAR TECHNOLOGY CORP
Part No. LTC2351IUH-12TRPBF LTC2351-12-15
OCR Text ...en with external reference n 3-wire spi-compatible serial interface n internal conversion triggered by conv n sleep (12w) shutdown mo...5msps 12-bit adc 12-bit latch 5 12-bit latch 4 12-bit latch 3 12-bit latch 2 12-bit latch 1 12-bit l...
Description 6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown; Package: QFN; No of Pins: 32; Temperature Range: -40&deg;C to 85&deg;C
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown

File Size 224.95K  /  20 Page

View it Online

Download Datasheet

    LTC1407A-1 LTC1403-1 LT6200 LTC1403A LTC1407-1 LT6231 LTC6655-2.5 LT6230 LTC2315-12 LTC1403A-1 LTC2314-14 LT6237 LT1818

Linear Technology
Part No. LTC1407A-1 LTC1403-1 LT6200 LTC1403A LTC1407-1 LT6231 LTC6655-2.5 LT6230 LTC2315-12 LTC1403A-1 LTC2314-14 LT6237 LT1818
OCR Text ...face that supports 1.8v, 2.5v, 3 v and 5 v logic. the fast 5 msps throughput makes the ltc2315-12 ideally suited for a wide variety of high speed applications. a pplica t ions n 5msps throughput rate n guaranteed 12-bit no missi...
Description 12-Bit, 5Msps Serial Sampling ADC in TSOT
   12-Bit, 5Msps Serial Sampling ADC in TSOT

File Size 955.97K  /  20 Page

View it Online

Download Datasheet

    LTC1407A-1 LTC1403-1 LT6200 LTC1403A LTC1407-1 LT6231 LTC6655-2.5 LT6230 LTC2314-14 LT6237 LTC2355 LT1818

Linear Technology
Part No. LTC1407A-1 LTC1403-1 LT6200 LTC1403A LTC1407-1 LT6231 LTC6655-2.5 LT6230 LTC2314-14 LT6237 LTC2355 LT1818
OCR Text ...face that supports 1.8v, 2.5v, 3 v and 5 v logic. the fast 4.5 msps throughput makes the ltc2314-14 ideally suited for a wide variety of high speed applications. a pplica t ions n 4. 5msps throughput rate n guaranteed 14-bit no missi...
Description 14-Bit, 4.5Msps Serial Sampling ADC in TSOT
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT

File Size 1,034.06K  /  20 Page

View it Online

Download Datasheet

    LTC2356-12

Linear Technology
Part No. LTC2356-12
OCR Text 3.5msps serial adcs with differential inputs. the devices draw only 5.5ma from a single 3.3v supply and come in a tiny 10-lead msop package. a sleep shutdown feature further reduces power consumption to 13 w. the combination of speed, low ...
Description (LTC2356-12/-14) Sampling ADCs

File Size 290.12K  /  16 Page

View it Online

Download Datasheet

    LTC2355-12

Linear Technology
Part No. LTC2355-12
OCR Text 3.5msps sampling adcs with shutdown 3.5msps conversion rate 74.2db sinad at 14-bits, 71.1db sinad at 12-bits low power dissipation: 18mw 3.3v single supply operation 2.5v internal bandgap reference can be overdriven 3-wire spi-compati...
Description (LTC2355-12/-14) 3.5msps Sampling ADCs

File Size 268.80K  /  16 Page

View it Online

Download Datasheet

    TSA1201 TSA1201IF TSA1201IFT

STMICROELECTRONICS[STMicroelectronics]
Part No. TSA1201 TSA1201IF TSA1201IFT
OCR Text ...s 2.5V supply voltage with 2.5V/3.3V compatis s s s s bility for digital I/O Input range: 2Vpp differential SFDR up to 77dB @ 50Msps, Fin=1...5Msps up to 50Msps, with a programmable power consumption which makes the application board even mor...
Description 12-BIT, 50MSPS, 150mW A/D CONVERTER

File Size 219.75K  /  20 Page

View it Online

Download Datasheet

For 3.5msps Found Datasheets File :: 134    Search Time::3.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3.5msps

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
6.6944530010223