PART |
Description |
Maker |
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
CPSM-5 CPSM CPSM-3 |
Commercial Power, Fireproof Inorganic Construction, High Wattage Capabilities, Low Board Temperatures, Suitable for Pick and Place Equipment, Meets or Exceeds EIA RS-344 Spec, High Thermal Conductivity and Humidity Resistance Wirewound Resistors, Commercial Power, Surface Mount
|
VISAY[Vishay Siliconix]
|
B340A |
Low power loss, high efficiency Low profile surface mount package Built-in strain relief
|
TY Semiconductor Co., Ltd
|
HSMS-C177 HSMS-C197 HSMG-C177 HSMA-C177 HSMA-C197 |
Low Profile ChipLED 超薄型ChipLED HSMY-C177 · Low Profile ChipLED HSMY-C197 · Low Profile ChipLED HSMT-C197 · Low Profile ChipLED HSML-C197 · Low Profile ChipLED HSML-C177 · Low Profile ChipLED HSMG-C197 · Low Profile ChipLED HSMD-C197 · Low Profile ChipLED HSMD-C177 · Low Profile ChipLED HSMC-C197 · Low Profile ChipLED HSMC-C177 · Low Profile ChipLED HSMA-C197 · Low Profile ChipLED HSMA-C177 · Low Profile ChipLED HSMG-C177 · Low Profile ChipLED HSMS-C197 · Low Profile ChipLED HSMS-C177 · Low Profile ChipLED
|
Avago Technologies, Ltd. 发光二极 Agilent (Hewlett-Packard)
|
T491V476K004AS T491V156M004AT T491R226M004AT T491S |
LOW PROFILE SURFACE MOUNT CAPACITORS
|
http://
|
ACT9300 |
miniature low profile Surface Mount
|
Advanced Crystal Technology
|
ILS3825 ILS3825RJ100M02 ILS-382510UH ILS-3825-01 I |
Surface Mount Inductors, Low Profile for DC/DC Converters
|
http:// VISAY[Vishay Siliconix]
|
CX7SM |
Low Profile AT-Cut Surface Mount Crystal
|
STATEK
|
SKRBAAE010 SKRBAKE010 SKRBAGE010 SKRBACE010 SKRB |
0.55mm Height Low-profile (Surface Mount Type)
|
ALPS ELECTRIC CO.,LTD.
|
CX3SM CX3SM08 |
Low Profile Miniature Surface Mount Quartz Crystal
|
STATEK CORPORATION
|
SKQGAFE010 SKQGABE010 SKQGADE010 SKQGAAE010 SKQGAK |
5.2mm Square Low-profile (Surface Mount Type)
|
ALPS ELECTRIC CO.,LTD.
|