PART |
Description |
Maker |
471199001 0471199001 |
4.00mm (.157) Pitch Pogo Pin Connector, SMT, Vertical, 4.00mm (.157) Action Height, 92g Maximum Contact Force, 2 Circuits, Contact 0.30μm (12μ) Gold (Au) Plating
|
Molex Electronics Ltd.
|
0474961041 47496-1041 |
4.00mm (.157) Pitch Pogo Speaker Connector, Height: 2.90mm (.114), 1.02um (40u) Gold (Au) over 4.00mm (.157") Pitch Pogo Speaker Connector, Height: 2.90mm (.114"), 1.02um (40u") Gold (Au) over
|
Molex Electronics Ltd.
|
0473410001 |
4.00mm (.157) Pitch Pogo Speaker Connector, Height: 2.60mm (.102), Contact Pin 0.10um (4u) Gold 4.00mm (.157") Pitch Pogo Speaker Connector, Height: 2.60mm (.102"), Contact Pin 0.10um (4u") Gold
|
Molex Electronics Ltd.
|
0679040001 67904-0001 |
4.00mm (.157) Pitch Pogo Pin Connector Header, SMT, Vertical, 2 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
73780-1164 |
2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 14.00mm (.551), Pin Length 4.00mm (.157),
|
Molex Electronics Ltd.
|
0737801265 |
2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 15.00mm (.591), Pin Length 4.00mm (.157),
|
Molex Electronics Ltd.
|
0877751101 87775-1101 |
1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 0.76μm (30μ) Gold (Au), 4.00mm (0.157) Soldertail, 276 Circuits, Lead free
|
Molex Electronics Ltd.
|
0737803963 73780-3963 |
2.00mm (.079") Pitch HDM庐 Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 13.00mm (.511"), Pin Length 4.00mm (.157" 2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 13.00mm (.511), Pin Length 4.00mm (.157),
|
Molex Electronics Ltd.
|
54697-7000 |
0.80mm (.031) Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 4.00mm (.157)Mounted Height, 144 Circuits, 3.3V Power Supply, Lead-free
|
Molex Electronics Ltd.
|
0529910408 52991-0408 |
0.50mm (.020) Pitch SlimStack Receptacle, Surface Mount, Dual Row, Vertical, 3.00and 4.00mm (.118 and .157) Stacking Heights, Lower Circuit Size Version, White, 40Circuits
|
Molex Electronics Ltd.
|
0546840244 54684-0244 |
0.40mm (.016) Pitch Board-to-Board SlimStack Receptacle, Surface Mount, Dual Row, Vertical Stacking, 4.00mm (.157) Stacking Height, 24 Circuits
|
Molex Electronics Ltd.
|
|