PART |
Description |
Maker |
0473092851 |
1.10mm (.043) Pitch microSD Card Header with Detect Switch, Height 2.85mm (.112), Lead Free
|
Molex Electronics Ltd.
|
473092651 0473092651 |
1.10mm (.043) Pitch microSD Card Header with Detect Switch, Height 2.65mm (.104), Lead Free
|
Molex Electronics Ltd.
|
1050271001 SD-105027-101 |
1.10mm(.043), 0.76mm(.030), 0.70mm(.028) Pitch microSD Card Header with Detect Switch (Pin 8) MOLEX Connector
|
Molex Electronics Ltd.
|
5031820852 503182-0852 SD-503182-004 |
1.10mm (.043) Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type 1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
|
Molex Electronics Ltd.
|
1050278001 SD-105027-801 |
1.10mm(.043"), 0.75mm(.030"), 0.70mm(.028") Pitch microSD Card Header with Detect Switch (VDD), Height 1.70mm 1.10mm(.043), 0.75mm(.030), 0.70mm(.028) Pitch microSD Card Header with Detect Switch (VDD), Height 1.70mm
|
Molex Electronics Ltd.
|
47219-2001 |
1.10mm Pitch microSD Card Connector, Hinge Type, Lead-Free
|
Molex Electronics Ltd.
|
0923160422 |
0.30mm (.012) Pitch Easy-On Type FPC Connector, 1.10mm (.043) Mated Height Right Angle
|
http://
|
51441-1072 0514411072 |
0.50mm (.020) Pitch Easy-On Type FFC/FPC Connector, Right Angle, SMT, ZIF,Bottom Contact Style, 1.10mm (.043) Mated Height, 10 Circuits, Lead-free, GoldContact Plating
|
Molex Electronics Ltd.
|
DBCTB47-2 DBCTB47-3 |
TERMINAL BLOCKS 10mm PITCH PLUG IN VERTICAL OR HORIZONTAL
|
Dubilier
|
0702871212 70287-1212 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with RetentionPin, 36 Circuits, 6.10mm (.240) Mating Pin Length, 0.76μm (30μ) Gold (Au) Selective 2.54mm (.100") Pitch C-Grid垄莽 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 36 Circuits, 6.10mm (.240") Mating Pin Length, 0.76楼矛m (30楼矛") Gold (Au)
|
Molex Electronics Ltd.
|
|