PART |
Description |
Maker |
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
ST72C314N2T1 ST72C314N4T6 ST72314N4B3 ST72314J2T1 |
IC-ST7 MICROCONTROLLER 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES 8位单电压闪存,ADC6位定时器,SPI和脊髓损伤界面微控制 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES 8位单电压闪存ADC6位定时器,SPI和脊髓损伤界面微控制 Indicator Lamp; Supply Voltage:14VDC; Lamp Base Type:Wire Leads; Color:Green; Current Rating:100mA; Mounting Hole Dia:12.7mm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 8位单电压闪存,ADC6位定时器,SPI和脊髓损伤界面微控制
|
http:// STMicroelectronics N.V.
|
ST72104G1B6/XXX ST72215G2B7/XXX ST72254G1B6/XXX ST |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
|
STMicroelectronics 意法半导 http://
|
ST7MDT1-DVP2 ST7MDT1-EPB2 -ST7MDT1-DVP2 ST72C216G1 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
|
http:// 意法半导
|
ST72104GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST72314J2T1/XXX ST72334J4T1/XXX ST72334N4B3/XXX ST |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES 8位单电压闪存,ADC6位定时器,SPI和脊髓损伤界面微控制
|
意法半导 STMicroelectronics N.V.
|
ST7PLITEUS2B3 ST7PLITEUS2B6 ST7PLITEUS2M3 ST7PLITE |
8-bit MCU with single voltage Flash memory, ADC, timers
|
STMicroelectronics
|
ST7FOXK1 ST7FOXF1 ST7FOXK2 |
8-bit MCU with single voltage Flash memory, SPI, I2C, ADC, timers
|
STMicroelectronics
|
ST7FLITES2Y0B6 ST7FLITES2Y0M6 ST7LITES2 ST7PLITES2 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
|
STMICROELECTRONICS[STMicroelectronics]
|
ST92F250CR2TB ST92F124 ST92F124JDV2TB |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
|
STMicroelectronics http://
|
ST7LITE19F1 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY,DATA EEPROM, ADC, 4 TIMERS, SPI
|
ST Microelectronics
|