PART |
Description |
Maker |
LT1389-5 LT1389-4.096 LT1389-2.5 LT1389-1.25 1389F |
Nanopower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Nanopower Precision Shunt Voltage Reference(毫微功率,精密分流电压基 From old datasheet system Micropower Precision Shunt Voltage Reference Nanopower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
AAT3221IJS-18-T1 AAT3221IJS-24-T1 AAT3221IJS-30-T1 |
150mA NanoPower??LDO Linear Regulator Hex Buffers / Drivers with Open-Collector High-Vltage Outputs 14-SO 0 to 70 150mA的NanoPower⑩LDO线性稳压器 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器 150mA NanoPowerLDO Linear Regulator 150mA的NanoPower⑩LDO线性稳压器 POT 10K OHM SLIDE 100MM MONO FAD 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator 150MA NANOPOWER⒙ LDO LINEAR REGULATOR
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
MAX9018A MAX9018B MAX9015A MAX9017B MAX9017A MAX90 |
"SOT23, Dual, 1.8V, Nanopower, Comparator With 1% Reference (Open- Drain)" "SOT23, Dual, 1.8V, Nanopower, Comparator With 1.75% Reference (Open- Drain)" "SOT23, Single, 1.8V, Nanopower, Comparator With 1% Reference (Push/Pull)" "SOT23, Dual, 1.8V, Nanopower, Comparator With 1.75% Reference (Push/ Pull)" " SOT23, Dual, 1.8V, Nanopower, Comparator With 1% Reference (Push/Pull)" " SOT23, Single, 1.8V, Nanopower, Comparator With 1% Reference (Open-Drain)" "SOT23, Dual, 1.8V, Nanopower Comparators with Open- Drain Output" "SOT23, Dual, 1.8V, Nanopower Comparators with Push-Pull Output"
|
Maxim
|
MAX6864 MAX6865 MAX6862 MAX6869 MAX6867 MAX6868 MA |
Nanopower µP Supervisory Circuits with Manual Reset and Watchdog Timer Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
|
MAXIM - Dallas Semiconductor
|
MAX9027 MAX9028 MAX9028EBT-T |
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor
|
CA3440 CA3440M |
63kHz, Nanopower, BiMOS Operational Amplifiers 63kHz/ Nanopower/ BiMOS Operational Amplifiers
|
HARRIS[Harris Corporation] Intersil Corporation
|
TS12011 TS12011ITD1022T TS12012ITD1022TP TS12011IT |
A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
|
Touchstone Semiconductor Inc
|
LTC3331EUHPBF |
Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
|
Linear Technology
|
LTC3330-15 |
Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Life Extender
|
Linear Technology
|
MAX9117ESA MAX9119EXK MAX9117EXK MAX9119EXKT MAX91 |
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference COMPARATOR, 10000 uV OFFSET-MAX, PDSO5
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|