PART |
Description |
Maker |
SD-35150-0400 35150-0404 0351500404 |
6.20mm (.244) Pitch Wire-to-Wire VersaBlade Hybrid Plug Housing 6.20mm (.244") Pitch Wire-to-Wire VersaBlade垄芒 Hybrid Plug Housing
|
Molex Electronics Ltd.
|
0351510210 SD-35151-0210 |
6.20mm (.244") Pitch Wire-to-Wire VersaBlade??/a> 6.20mm (.244) Pitch Wire-to-Wire VersaBlade?/a>
|
Molex Electronics Ltd.
|
0351500294 35150-0294 |
1.78mm (.070) Tab Wire-to-Wire TPA? 6.20mm (.244) Pitch, 2 Circuits, Blue MOLEX Connector
|
Molex Electronics Ltd.
|
0022288350 22-28-8350 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 35 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244) 2.54mm (.100") Pitch KK垄莽 Header, Breakaway, Right Angle Surface Mount Compatible, 35 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244")
|
Molex Electronics Ltd.
|
22-28-9240 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 24 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244), with Kinked PC Tails
|
Molex Electronics Ltd.
|
0022288230 22-28-8230 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 23 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244) MOLEX Connector
|
Molex Electronics Ltd.
|
22-28-8054 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 5 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244)
|
Molex Electronics Ltd.
|
78172-0411 |
1.20mm (.047) Pitch Pico-EZmate Wire-to-Board Crimp Terminal, Gold (Au) Flashover Nickel (Ni) Plated, Lead free
|
Molex Electronics Ltd.
|
0781720410 78172-0410 |
1.20mm (.047) Pitch Pico-EZmate?/a> Wire-to-Board Crimp Terminal, Gold (Au) Flash over Nickel (Ni) Plated, Lead free 1.20mm (.047) Pitch Pico-EZmate Wire-to-Board Crimp Terminal, Gold (Au) Flash over Nickel (Ni) Plated, Lead free
|
Molex Electronics Ltd.
|
5557-06R-225 0050361672 50-36-1672 |
4.20mm (.165) Pitch Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 6 Circuits, Glow Wire Compatible Molex Electronics Ltd.
|
Molex Electronics Ltd.
|
|