Part Number Hot Search : 
F130410 1SMB10 CC2540 B1021RW 2SA1773 R4008 78M18 TLP3914
Product Description
Full Text Search
  ears Datasheet PDF File

For ears Found Datasheets File :: 674    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AGILENT TECHNOLOGIES INC
Part No. HEDS-5500OPTIOND05
OCR Text ...nt required ? external mounting ears available ? low cost ? resolutions up to 1024 counts per revolution ? small size ? -40 c to 100 c operating temperature ? ttl compatible ? single 5 v supply description the heds-5500/5540, heds- 5600/...
Description SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER

File Size 247.70K  /  12 Page

View it Online

Download Datasheet





    LA1060

SANYO[Sanyo Semicon Device]
Part No. LA1060
OCR Text ...oise is hardly offensive to the ears. If the period of noise duration is 50 to 200s, the noise is heard as a sound "buzz", but a single noise is hardly offensive to the ears. * If the period of noise duration is 500s or more, the noise is h...
Description Antenna Switching Diversity Circuit for Car-Use FM Tuners

File Size 387.07K  /  8 Page

View it Online

Download Datasheet

    N4660-2000 N4610 N4614 N4616 N4620 N4626

3M Electronics
Part No. N4660-2000 N4610 N4614 N4616 N4620 N4626
OCR Text ...hine screw and nut. 3. mounting ears provide mechanical protection to solder joints and are recommended. for applications where there is not room for mounting ears, ejector/latches should be used. ts-0168-e sheet 2 of 3 . 41 [ 1 0 . 4 ...
Description 3M Surface Mount Header .100 × .100 High Temperature

File Size 591.28K  /  3 Page

View it Online

Download Datasheet

    HEDS-550X HEDS-554X HEDS-560X HEDS-564X HEDS5540

HP[Agilent(Hewlett-Packard)]
Part No. HEDS-550X HEDS-554X HEDS-560X HEDS-564X HEDS5540
OCR Text ...nt Required * External Mounting ears Available * Low Cost * Resolutions Up to 1024 Counts Per Revolution * Small Size * -40C to 100C Operating Temperature * TTL Compatible * Single 5 V Supply with detectors and output circuitry, and a co...
Description Quick Assembly Two and Three Channel Optical Encoders

File Size 259.95K  /  12 Page

View it Online

Download Datasheet

    C&K Components
Part No. S102031MS02Q S701 S201031MS02Q S602
OCR Text ...g style ss p anel with mounting ears ms pc thru-hole s2 snap-in panel with blacktop plate ts p anel with mounting ears detent 1 with detent 2 without detent actuator 03 .335" high 04 .500" high 09 .250" high 12 screwdriver slot (with markin...
Description Slide Switches
S Series Slide Switches

File Size 331.72K  /  5 Page

View it Online

Download Datasheet

    HEDS-5500-H02 HEDS-5505-G11 HEDS-5505-S04 HEDS-5505-H11 HEDS-5505-H14 HEDS-5505-H12 HEDS-5505-H13 HEDS-5505-S11 HEDS-550

Electronic Theatre Controls, Inc.
Monolithic Power Systems, Inc.
Avago Technologies, Ltd.
Maxim Integrated Products, Inc.
IRC Advanced Film
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
Part No. HEDS-5500-H02 HEDS-5505-G11 HEDS-5505-S04 HEDS-5505-H11 HEDS-5505-H14 HEDS-5505-H12 HEDS-5505-H13 HEDS-5505-S11 HEDS-5505-S12 HEDS-5505-S13 HEDS-5505-F11 HEDS-5505-F12 HEDS-5505-F13 HEDS-5505-F14 HEDS-5505-H02 HEDS-5505-H03 HEDS-5505-H04 HEDS-5505-H05 HEDS-5505-H06 HEDS-5505-G06 HEDS-5505-G01 HEDM-5500-J12 HEDS-5540-C02 HEDS-5540-C03 HEDS-5545-E14 HEDS-5500-S01 HEDS-5640-S01 HEDS-5540-S01 HEDS-5505-E02 HEDS-5605-E02 HEDM-5500J02 HEDS-5500K11 HEDS-5500-S02 HEDS-5600A06 HEDS-5600C12 HEDS-5600A12 HEDS-5600-S01 HEDS-5600-S02 HEDS-5600C14 HEDM-5120B06 HEDS-5645H12 HEDS-5645H14 HEDM-5600-J04 HEDM-5600-J05 HEDS-5500G05 HEDS-8910013 HEDM-5605-J02 HEDM-5600-J02 HEDM-5505-J14 HEDM-5500J14 HEDM-5605-B04 HEDM-5605B06 HEDS-5505I13 HEDS-5140I12 HEDS-5605A06 HEDS-5120E06 HEDS-5505-A02 HEDM-5500J13 HEDS-5600-D01 HEDS-5120G14 HEDS-5500A03 HEDS-8910012 HEDS-5545-G01 HEDS-8910001 HEDS-5140C04 HEDS-5500E12 HEDS-5645-K03 HEDS-5505I06 HEDS-5505-F04 HEDS-5545-F02 HEDS-5645-S02 HEDM-5605-J06 HEDS-5505C04 HEDS-5540C11 HEDS-5640H06 HEDM-5500J12 HEDM-5600-B14 HEDM-5505B04 HEDS-5500F04 HEDS-5600I01 HEDM-5500-B01 HEDM-5500-B02 HEDM-5500-B03 HEDM-5500-B04 HEDM-5500-B05 HEDS-5605-K06 HEDS-5605-K04 HEDS-5605-K05
OCR Text ... 5640 feature external mounting ears. The quadrature signals and the index pulse are accessed through five 0.025 inch square pins located on 0.1 inch centers. Standard resolutions between 96 and 1024 counts per revolution are presently avai...
Description 1&#181;A SOT23 Precision Shunt Voltage Reference
ADP2503 Evaluation Board for 3.5V
Alignment Tool For The 3-channel Quick Assembly Encoders HEDS-554X/564X Series 对齐工具通道快速大会编码器HEDS-554X/564X系列
5mm Ultraviolet (UV) LED 二和三频道Codewheels
Two and Three Channel Codewheels 二和三频道Codewheels
Quick Assembly Two and Three Channel Optical Encoder 快速大会二及中三通道光学编码
Quick Assembly Two and Three Channel Optical Encoders 快速大会二及中三通道光学编码
Alignment Tool For The 3-channel Quick Assembly Encoders HEDS-554X/564X Series 对齐工具3通道快速大会编码器HEDS-554X/564X系列
LED, T1.75 5MM BLU TRANS 快速大会二及中三通道光学编码
1µA SOT23 Precision Shunt Voltage Reference
ADP2503 Evaluation Board for 2.8V
CONNECTOR ACCESSORY
16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor
   Quick Assembly Two and Three Channel Optical Encoders

File Size 291.88K  /  15 Page

View it Online

Download Datasheet

    INCON INC
Part No. FER-01-01-44-00-190 FER-55-07-24-33-000 FER-14-25-66-33-000
OCR Text ...e a r s fer - as shown with mtg ears plug receptacle ftg - as shown with mtg ears ftf - without mtg ears " x " . 0 8 0 . 1 2 0 ? . 0 2 5 t y p . 1 2 0 2 x ? . 1 2 0 t h r u f t j o n l y ft j, ftg, ftf 3 5 7 0 1 1 3 6 ftj - with mtg...
Description 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, WIRE WRAP, PLUG

File Size 475.96K  /  1 Page

View it Online

Download Datasheet

    HEDS-5505-A02 HEDS-5505-A03 HEDS-5505-A04 HEDS-5505-I06

Agilent(Hewlett-Packard)
Part No. HEDS-5505-A02 HEDS-5505-A03 HEDS-5505-A04 HEDS-5505-I06
OCR Text ... 5640 feature external mounting ears. The quadrature signals and the index pulse are accessed through five 0.025 inch square pins located on 0.1 inch centers. Standard resolutions between 96 and 1024 counts per revolution are presently avai...
Description Quick Assembly Two and Three Channel Optical Encoders

File Size 276.21K  /  15 Page

View it Online

Download Datasheet

    HEDS-5500 HEDS-5540 HEDS-5505-A14 HEDS5540 HEDM-5500 HEDM-5500-B01 HEDM-5500-B02 HEDM-5500-B03 HEDM-5500-B04 HEDM-5500-B

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. HEDS-5500 HEDS-5540 HEDS-5505-A14 HEDS5540 HEDM-5500 HEDM-5500-B01 HEDM-5500-B02 HEDM-5500-B03 HEDM-5500-B04 HEDM-5500-B05 HEDM-5500-B06 HEDM-5500-B11 HEDM-5500-B12 HEDM-5500-B13 HEDM-5500-B14 HEDM-5500-J01 HEDM-5500-J02 HEDM-5500-J03 HEDM-5500-J04 HEDM-5500-J05 HEDM-5500-J06 HEDM-5500-J11 HEDM-5500-J12 HEDM-5500-J13 HEDM-5500-J14 HEDM-5505-B01 HEDM-5505-B02 HEDM-5505-B03 HEDM-5505-B04 HEDM-5505-B05 HEDM-5505-B06 HEDM-5505-B11 HEDM-5505-B12 HEDM-5505-B13 HEDM-5505-B14 HEDM-5505-J01 HEDM-5505-J02 HEDM-5505-J03 HEDM-5505-J04 HEDM-5505-J05 HEDM-5505-J06 HEDM-5505-J11 HEDM-5505-J12 HEDM-5505-J13 HEDM-5505-J14 HEDM-550X HEDM-5600 HEDM-5600-B01 HEDM-5600-B02 HEDM-5600-B03 HEDM-5600-B04 HEDM-5600-B05 HEDM-5600-B06 HEDM-5600-B11 HEDM-5600-B12 HEDM-5600-B13 HEDM-5600-B14 HEDM-5600-J01 HEDM-5600-J02 HEDM-5600-J03 HEDM-5600-J04 HEDM-5600-J05 HEDM-5600-J06 HEDM-5600-J11 HEDM-5600-J12 HEDM-5600-J13 HEDM-5600-J14 HEDM-5605-B01 HEDM-5605-B02 HEDM-5605-B03 HEDM-5605-B04 HEDM-5605-B05 HEDM-5605-B06 HEDM-5605-B11 HEDM-5605-B12 HEDM-5605-B13 HEDM-5605-B14 HEDM-5605-J01 HEDM-5605-J02 HEDM-5605-J03 HEDM-5605-J04 HEDM-5605-J05 HEDM-5605-J06 HEDM-5605-J11 HEDM-5605-J12 HEDM-5605-J13 HEDM-5605-J14 HEDM-56
OCR Text ... 5640 feature external mounting ears. The quadrature signals and the index pulse are accessed through five 0.025 inch square pins located on 0.1 inch centers. Standard resolutions between 96 and 1024 counts per revolution are presently avai...
Description HEDL-5561#J06 · Encoder Line Drivers
HEDS-5540#A01 · Quick Assembly Two and Three Channel Optical Encoder
HEDS-5140#A02 · Two and Three Channel Codewheels
HEDS-5505#A04 · Quick Assembly Two and Three Channel Optical Encoder
HEDM-5505#B04 · Quick Assembly Two and Three Channel Optical Encoder
HEDS-5600#A06 · Quick Assembly Two and Three Channel Optical Encoder
HEDS-5500#A01 · Quick Assembly Two and Three Channel Optical Encoder
HEDM-5605#B06 · Quick Assembly Two and Three Channel Optical Encoder
HEDM-5600#B06 · Quick Assembly Two and Three Channel Optical Encoder
HEDS-5120#A01 · Two and Three Channel Codewheels
HEDM-5120#B02 · Two and Three Channel Codewheels
HEDM-5500#B01 · Quick Assembly Two and Three Channel Optical Encoder
HEDS-8910#001 · Alignment Tool For The 3-channel Quick Assembly Encoders HEDS-554X/564X Series
Quick Assembly Two and Three Channel Optical Encoders

File Size 287.77K  /  15 Page

View it Online

Download Datasheet

    SDR08540M3-01

TDK Electronics
Part No. SDR08540M3-01
OCR Text ... the buzzer when it is close to ears. circuit board, be careful so that smoke from the flux, or other Listening to the buzzer when it is close to ears, or continuant lisforeign materials, will not get into the sound emission hole. tening to...
Description Electromagnetic Buzzers

File Size 49.97K  /  4 Page

View it Online

Download Datasheet

For ears Found Datasheets File :: 674    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ears

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.87359309196472