PART |
Description |
Maker |
SD-35150-0400 35150-0404 0351500404 |
6.20mm (.244) Pitch Wire-to-Wire VersaBlade Hybrid Plug Housing 6.20mm (.244") Pitch Wire-to-Wire VersaBlade垄芒 Hybrid Plug Housing
|
Molex Electronics Ltd.
|
0351510419 35151-0419 |
6.20mm (.244) Pitch Wire-to-Wire VersaBlade?/a> Hybrid Receptacle Housing, 4Circuits, Polyester Cardonate UL94V-0, Natural, Glow Wire Compatible
|
Molex Electronics Ltd. http://
|
22-28-8110 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 11 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244)
|
Molex Electronics Ltd.
|
0022289090 |
2.54mm (.100") Pitch KK庐 Header, Breakaway, Right Angle Surface Mount Compatible, 9 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244"), with Kinked PC
|
Molex Electronics Ltd.
|
22-28-9240 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 24 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244), with Kinked PC Tails
|
Molex Electronics Ltd.
|
42377-0217 22-28-9072 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 7 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244), with Kinked PC Tails
|
Molex Electronics Ltd.
|
5557-24R-225 50-36-1667 0050361667 |
4.20mm (.165) Pitch Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 24 Circuits, Glow Wire Compatible
|
Molex Electronics Ltd.
|
0781715006 78171-5006 |
1.20mm (.047) Pitch Pico-EZmate Wire-to-Board Header, Vertical, Housing Height: 1.65mm (.065), with side-Friction Locks, 6 Circuits
|
Molex Electronics Ltd.
|
5557-05R4-225 50-36-1666 0050361666 |
4.20mm (.165) Pitch Mini-Fit Jr.?/a> Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-0, 5 Circuits, Passive Latch, Glow Wire Compatible 4.20mm (.165) Pitch Mini-Fit Jr. Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-0, 5 Circuits, Passive Latch, Glow Wire Compatible
|
Molex Electronics Ltd.
|
5557-06R-225 0050361672 50-36-1672 |
4.20mm (.165) Pitch Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 6 Circuits, Glow Wire Compatible Molex Electronics Ltd.
|
Molex Electronics Ltd.
|
|