PART |
Description |
Maker |
25.352.4353.0 25.350.4153.0 99.213.9996.2 25.352.3 |
Terminal Block; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Strip; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes PCB PIN STRIP 8213 S / 12 W OB GR OF RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
CZRB3030 CZRB3027 CZRB3075 CZRB3019 CZRB3018 CZRB3 |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Screw Clamp Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp Surface Mount Zener Diode
|
Comchip Technology Co., Ltd. COMCHIP[Comchip Technology]
|
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
25.340.0553.0 |
Terminal Block; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:5; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
500C343U035EB2B 500C243U035EH2B 500C115U010FE2D 50 |
Long Life, High Capacitance Screw Terminal Type
|
Cornell Dubilier Electr...
|
CG1651T200W4C CG551T200U3C CG172U100W4C CG181T200R |
Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ??, Screw Terminal Capacitors Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 垄陋C, Screw Terminal Capacitors
|
Cornell Dubilier Electronics
|
CG1052U016V3C CG632U025R3C CG952U035V3C CG181T350R |
Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 垄陋C, Screw Terminal Capacitors Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
|
Cornell Dubilier Electronics http:// Cornell Dubilier Electronic... Cornell Dubilier Electr...
|
0161-H-ABC0-D-EG |
IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
0163 |
IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
6048-H-ABC0-D-E |
IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
6063 6063-H-ABC0-D-E |
IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
|
Schurter Inc.
|
0720-FP 4300.0097 |
IEC Appliance Inlet C8, Screw-on Mounting, Rear Side, PCB-/Solder Terminal IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 2A; Mounting Type: Panel; Terminal Type: Solder 2.5A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
Schurter Inc. SCHURTER AG
|