PART |
Description |
Maker |
CDBURT0230L-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=35V, V-R=30V, I-O=0.2A Low Profile SMD Schottky Barrier Diode
|
Comchip Technology
|
25GQ045 25GQ045-15 |
SCHOTTKY RECTIFIER 35V 45A Hi-Rel Schottky Discrete Diode in a TO-254AA package
|
IRF[International Rectifier]
|
10TQ045S 10TQ040S 10TQ030S 10TQ035 10TQ 10TQ045 10 |
SCHOTTKY RECTIFIER 肖特基整流器 35V 10A Schottky Discrete Diode in a D2-Pak package 35V0A条肖特基二极管的分立的一D2 - PAK封装 40V 10A Schottky Discrete Diode in a D2-Pak package 35V 10A Schottky Discrete Diode in a TO-220AC package 45V 10A Schottky Discrete Diode in a TO-220AC package 45V 10A Schottky Discrete Diode in a D2-Pak package
|
International Rectifier, Corp. SIEMENS AG IRF[International Rectifier]
|
02838 02838-E |
TO-220 DUAL SCHOTTKY 35V RECTIFIER
|
VICOR[Vicor Corporation]
|
NCP1410_05 NCP1410 NCP1410DMR2 NCP1410DMR2G NCP141 |
250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
|
ONSEMI[ON Semiconductor]
|
MBRD1035CTL MBRD1035CTLT4 MBRD1035CTLT4G |
10A 35V Schottky Rectifier SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
DL400111 DL4001-TP DL4002-TP |
1 Amp Glass Passivated Rectifier 50 to 1000 Volts RECT PASSIVATED 1A 50V SMD MELF RECT PASSIVATED 1A 100V SMD MELF
|
Micro Commercial Components
|
CDBF0130L |
Schottky Barrier Rectifiers Diodes, V-RRM=35V, V-R=30V, I-O=0.1A
|
Comchip Technology
|
CDBF0130R |
Schottky Barrier Rectifiers Diodes, V-RRM=35V, V-R=30V, I-O=0.1A
|
Comchip Technology
|
CDBF0130L-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=35V, V-R=30V, I-O=0.1A
|
Comchip Technology
|
CDBER0230R-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=35V, V-R=30V, I-O=0.2A
|
Comchip Technology
|
CDBUR0230 |
Small Signal Schottky Diodes, V-RRM=35V, V-R=30V, I-O=200mA
|
Comchip Technology
|