PART |
Description |
Maker |
P87LPC778 P87LPC778FDH |
CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,TSSOP,20PIN,PLASTIC
|
PHILIPS[Philips Semiconductors]
|
P89LPC901 P89LPC901FD P89LPC901FN P89LPC902 P89LPC |
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDSO8
|
NXP Semiconductors N.V.
|
LPC11E36FBD64 LPC11E36FHN33 LPC11E37FBD48 LPC11E37 |
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
|
NXP Semiconductors
|
LPC12D27FBD100 |
32-bit ARM Cortex-M0 microcontroller; 128 kB flash and 8 kB SRAM; 4 x 40 segment LCD driver 32位ARM Cortex-M0的微控制器,128KB闪存 KB静态随机存储器;4×40段LCD驱动 32-bit ARM Cortex-M0 microcontroller??28kB flash, 8kB SRAM, LCD, LQFP100 package
|
NXP Semiconductors N.V.
|
MB89193P-SH MB89191AP-SH MB89191APF MB89191AHP MB8 |
8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PDIP28 8-bit Proprietary Microcontroller 8-BIT, 4.2 MHz, MICROCONTROLLER, PQFP48 Patch Panel JT 79C 79#22D SKT RECP 2.0A, 2.7 to 5.5V Single High-Side MOSFET Switch IC, No Fault Reporting, Active-Low Enable 8-SOIC
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
MC68HC11E0MFN2 MC68HC11E20MFN2 MC68HC11E9FN3 MC68H |
(MC68HC711E Series) Microcontrollers Microcontrollers 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQFP52 Microcontrollers 8-BIT, EEPROM, 3 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, EEPROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC52 Microcontrollers 8-BIT, UVPROM, 2 MHz, MICROCONTROLLER, CQCC52 Microcontrollers 8-BIT, 2 MHz, MICROCONTROLLER, PDIP56 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, UVPROM, 3 MHz, MICROCONTROLLER, CQCC52 POT 20K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 POT 2.0K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC52 56 PF 2% 50V NPO (0805) CHIP CAP 8-channel, 8-bit analog-to-digital (A/D) converter
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc.
|
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
LPC11E67JBD48 LPC11E68JBD100 LPC11E68JBD64 |
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 20 kB SRAM; 4 kB EEPROM; 12-bit ADC 32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; 12-bit ADC
|
NXP Semiconductors
|
W541E261 W541C261 |
4BIT MICROCONTROLLER, 2K ×16 ROM, 128 ×4 RAM 128 -DOT LCD 4BIT MICROCONTROLLER, 2K 】16 ROM, 128 】4 RAM 128 -DOT LCD
|
Winbond
|
80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
PHILIPS[Philips Semiconductors]
|
|