PART |
Description |
Maker |
MIC-5301 |
AdvancedTCA垄莽 Dual-Core Low Voltage Intel垄莽 Xeon垄莽 Processor Board with Two AMC Slots AdvancedTCA? Dual-Core Low Voltage Intel? Xeon? Processor Board with Two AMC Slots
|
Advantech Co., Ltd. http://
|
20432 |
Soft AMC audio modem codec
|
Conexant
|
CS4298-JQ CS4298-KQ CS4298 4298 |
From old datasheet system SoundFusion Audio/Modem Codec 97 (AMC 97)
|
CIRRUS[Cirrus Logic]
|
VC-3R0A50-1750 VC-3R0A50-0967A VC-3RA50-0967A VC-2 |
AMC JUMPER,1.32MM,100MM BLACK ASSP的移动电 BNC (M) TO UHF (F) ADAPTERS VCO, 1620 MHz - 1650 MHz ASSP for Mobile Telephone VCO, 1632.5 MHz - 1672.5 MHz ASSP for Mobile Telephone VCO, 1280 MHz - 1440 MHz N (F) TO BNC (F) ADAPTER VCO, 1649.7 MHz - 1686.3 MHz ASSP for Mobile Telephone VCO, 880 MHz - 915 MHz N (F) TO BNC (M) ADAPTER
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
2418600000 |
Electronics housings, CH20M black, Housing, black, Width: 6.1 mm
|
Weidmuller
|
0877056050 87705-6050 |
1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100) Tail Length, Black Latches, Nylon 6/6 Glass-filled, Black Housing MOLEX Connector
|
Molex Electronics Ltd.
|
HLMP-2598 HLMP-2599 HLMP-2898 HLMP-2899 |
HLMP-2899 · Black Bezel Mounts HLMP-2898 · Black Bezel Mounts HLMP-2599 · Black Bezel Mounts HLMP-2598 · Black Bezel Mounts
|
Agilent (Hewlett-Packard)
|
MYS40 MYS250 MYS80 MYS125 |
Surface Mount Si-Bridge Rectifiers WIRE, ETFE, TEFZEL, 14AWG, BLACK, 100M; Area, conductor CSA:1.675mm2; Conductor make-up:37/0.250; Voltage rating, AC:600V; Current rating:23A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes Patch Panel; Mounting Type:2U; Body Material:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 0.5 A, 160 V, SILICON, BRIDGE RECTIFIER DIODE
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
SN74LS151D SN74LS151N 74LS151 ON2834 SN74LS151 |
LOW POWER SCHOTTKY From old datasheet system Ultra Slim 5-Way Scrollwheel - Vacuum Metalized Chrome Dial, Matt Black Button, White Illumination Ultra Slim 5-Way Scrollwheel - High Gloss Black Plastic Dial, High Gloss Black Button, White Illumination LS SERIES, 8 LINE TO 1 LINE MULTIPLEXER, COMPLEMENTARY OUTPUT, PDSO16
|
ONSEMI[ON Semiconductor]
|
LCX028BMT |
4.6cm(1.8-inch)Black-and-White LCD Panel 4.6cm (1.8-inch) Black-and-White LCD Panel From old datasheet system
|
SONY[Sony Corporation]
|
LA76850 |
Black & White TV IC
|
Sanyo
|
LVT64G-CBEA-25-1 |
TOPLED Black
|
OSRAM GmbH
|