Part Number Hot Search : 
TLRH180P A1102 CP8056TS 10073978 AOD452AL AT17F080 APC77151 C4245
Product Description
Full Text Search
  1620 Datasheet PDF File

For 1620 Found Datasheets File :: 292257    Search Time::2.343ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    14A-20-16

Superworld Electronics
Part No. 14A-20-16
OCR Text 16 (F) SERIES C A C A D B L 4.763(0.187) Min. A H Clearance for optional WTG screws F A B PCB Pattern UNIT : mm (inch) VA 20.0 - gram 408.23 - L 57.15 W 47.63 H 41.28 A 10.16 B 10....
Description POWER TRANSFORMER

File Size 104.95K  /  1 Page

View it Online

Download Datasheet





    TM020-040-16-20

Transcom, Inc.
Part No. TM020-040-16-20
OCR Text 16-20 PRE.1_04/12/2004 2 - 4 GHz 20 dBm Module FEATURES * * * P-1 dB: 20 dBm Bias Condition: 100 mA @ 8 V Small Signal Gain: 16 dB ELECTRICAL SPECIFICATIONS (Ta = 25 C) SYMBOL FREQ SSG GOF P-1 dB VSWR, IN VSWR, OUT VDC NF IDC OTR D...
Description 2 - 4 GHz 20 dBm Module
2 ? 4 GHz 20 dBm Module

File Size 19.05K  /  1 Page

View it Online

Download Datasheet

    OSP-V-20-11-16-N1

ORION FANS
Part No. OSP-V-20-11-16-N1
OCR Text 16) nema 5-20/15r input: (1) iec320 c20 inlet; enclosed iec320 c19 to nema 5-20p power cord 3 meters long protection (1) 20 amp circuit breaker communication ssl indication (1) yellow led dhcp indication (1) green led output status (16...
Description Remote Total Power Monitoring by Meter, Web, SNMP, Free Bundle Software

File Size 122.99K  /  1 Page

View it Online

Download Datasheet

    AD844JR-16 AD844JR-16-REEL AD844JR-16-REEL7 AD84407 AD8883B

Analog Devices
Part No. AD844JR-16 AD844JR-16-REEL AD844JR-16-REEL7 AD84407 AD8883B
OCR Text ...ic (N), and Cerdip (Q) Packages 16-Lead SOIC (R) Package NC 1 OFFSETNULL 2 -IN 3 NC 4 +IN 5 NC 6 V- 7 NC 8 AD844 8 7 6 NULL +VS OU...20 V output step. Settling time is typically 100 ns to 0.1%, and essentially independent of gain. Th...
Description 18V; 1.5W; 60MHz, 1.1W; 2000V/mS monolithic Op Amp. For flash ADC input amplifiers, high-speed current DAC interfaces
60 MHz, 2000 V/us Monolithic Op Amp
16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C
16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C

File Size 242.53K  /  16 Page

View it Online

Download Datasheet

    Diodes, Inc.
Part No. DCP53-16
OCR Text 16 DCP53/-16 PNP SURFACE MOUNT TRANSISTOR Features * * * * * * Epitaxial Planar Die Construction Complementary NPN Type Available (D...20 -10 -0.5 -1.0 250 -- 250 Unit V V V nA A A V V -- Test Condition IC = -100A, IE = 0 IC = -10mA, I...
Description Medium Power Bipolar Transistors

File Size 151.58K  /  4 Page

View it Online

Download Datasheet

    N80960SA-16 N80960SA-1 80960SA

INTEL[Intel Corporation]
Part No. N80960SA-16 N80960SA-1 80960SA
OCR Text 16-BIT BURST DATA BUS s High-Performance Embedded s Pin Compatible with 80960SB s Built-in Interrupt Controller Architecture -- 20 MIPS* Burst Execution at 20 MHz -- 7.5 MIPS Sustained Execution at 20 MHz s 512-Byte On-Chip Instruction ...
Description EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS

File Size 359.37K  /  39 Page

View it Online

Download Datasheet

    SUD40N08-16-E3

VISHAY SILICONIX
Part No. SUD40N08-16-E3
OCR Text 16 vishay siliconix document number: 71323 s-40272?rev. c, 23-feb-04 www.vishay.com 1 n-channel 80-v (d-s) 175 c mosfet product summar...20 v continuous drain current (t j = 175 c) b t c = 25 c i d 40 continuous drain current (t j ...
Description 40 A, 80 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252

File Size 67.54K  /  5 Page

View it Online

Download Datasheet

    BC807-16-7 BC807-25-7 BC807-40-7 BC807 BC807-40 BC807-16 BC807-25

http://
DIODES[Diodes Incorporated]
Diodes Inc.
Part No. BC807-16-7 BC807-25-7 BC807-40-7 BC807 BC807-40 BC807-16 BC807-25
OCR Text 16/ -25/ -40 PNP SURFACE MOUNT TRANSISTOR Features * * * * * * * * * * * * Ideally Suited for Automatic Insertion Epitaxial Planar Die Con...20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.85 0 Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1...
Description PNP SURFACE MOUNT TRANSISTOR
SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO, BusTrace, AUD BP-112; Vcc= 3.0 to 5.5 volts, Temp= -20 to 85 C; Package: PLBG0112GA-A

File Size 57.18K  /  3 Page

View it Online

Download Datasheet

    EVERLIGHT ELECTRONICS CO LTD
Part No. 16-216/Y5C-BL2N1BY/3T
OCR Text ... 16-216/y5c-bl2n1by/3t features ? package in 8mm tape on 7 diameter reel. ? compatible with automatic...20 30 25 f i (ma) 40 50 1 10 40 20 60 100 85 0.7 0.9 0.8 1.0 -20 -40 0 20 60 40 100 80 relative lu...
Description SINGLE COLOR LED, BRILLIANT YELLOW, 1 mm

File Size 180.62K  /  10 Page

View it Online

Download Datasheet

    DS5002FMN-16 DS5002FP DS5002FP-16 DS5002FP-16N DS5002FPM-16

MAXIM - Dallas Semiconductor
Dallas Semiconducotr
Part No. DS5002FMN-16 DS5002FP DS5002FP-16 DS5002FP-16N DS5002FPM-16
OCR Text ...3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Dallas Semiconductor DS5002FP 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 P2.6/A14 CE3 CE4 BD...
Description Secure Microprocessor Chip

File Size 441.73K  /  25 Page

View it Online

Download Datasheet

For 1620 Found Datasheets File :: 292257    Search Time::2.343ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0658309459686