PART |
Description |
Maker |
SD530S SD550S SD5100S SD560S SD580S SD520S SD540S |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere) (SD520S - SD5100S) SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
|
Panjit International Inc PANJIT[Pan Jit International Inc.]
|
SB16-100A-SMD SB16-100R-SMD SB16-100SMD SB16-100M- |
DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阴极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阳极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,串行连接)) DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HIREL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS 16 A, 100 V, SILICON, RECTIFIER DIODE
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd.
|
BAT54WS-7 BAT54WS |
SURFACE MOUNT SCHOTTKY BARRIER DIODE 0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated]
|
GD500SD |
The GD500SD is designed for low power rectification and high reliability. SURFACE MOUNT SCHOTTKY BARRIER DIODE SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
E-Tech Electronics LTD GTM CORPORATION
|
SS33A SS36A SS32A SS38A SS35A SS34A SS310 |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Low reverse leakage
|
Chendahang Electronics Co., Ltd Chendahang Electronics Co.,... Chendahang Electronics ...
|
SK13-13-F SK15-13 SK12-13-F SK14-13 SK14-13-F SK12 |
DIODE SCHOTTKY 1A 30V SMB 1 A, 30 V, SILICON, SIGNAL DIODE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Diodes, Inc. Diodes Incorporated
|
SDM40E20L08 SDM40E20LA-7 SDM40E20LS-7-F SDM40E20LC |
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE DIODE SCHOTTKY 20V 300MW SOT23 0.4 A, 20 V, 2 ELEMENT, SILICON, SIGNAL DIODE DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Diodes Incorporated Diodes Inc.
|
MBR0520LT1G MBR0520LT3 MBR0520LT3G MBR0520LT1 |
Surface Mount Schottky Barrier Power Rectifier(0.5A,20V表贴型肖特基势垒功率整流 Surface Mount Schottky Power Rectifier Plastic SOD−123 Package
|
ONSEMI[ON Semiconductor]
|
SB32 SB33 SB34 SB35 SB36 |
Schottky Pack: SMC SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
|
Gulf Semiconductor
|
SB345-A |
Schottky Pack: SMA SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
|
Gulf Semiconductor
|