PART |
Description |
Maker |
LTC6403IUD-1TRPBF |
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplier/Driver; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C OP-AMP, 1500 uV OFFSET-MAX, 200 MHz BAND WIDTH, PQCC16
|
Linear Technology, Corp.
|
P521-23 P521-23DC P521-23OC |
Low Phase Noise PECL VCXO (100MHz to 200MHz)
|
PhaseLink Corporation
|
PLL502-67SQM PLL502-67 PLL502-67SQC PLL502-67SQI |
4 Outputs 12.5MHz - 200MHz Low Phase Noise Multiplier VCXO
|
PLL[PhaseLink Corporation]
|
EL5160IS-T7 EL5160ISZ EL5260IYZ-T13 EL5261IS-T13 E |
200MHz Low-Power Current Feedback Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 200MHz Low-Power Current Feedback Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 Replaced by PTN04050A : 200MHz Low-Power Current Feedback Amplifiers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
P520-06QC P520-07OC P520-09QC |
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal) 低相位噪声压控与乘数00 - 200MHz的基金Xtal
|
PhaseLink, Corp.
|
EDI88512CA17MBRP EDI88512CA17MCRP EDI88512CA17MIRP |
100MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 24-QSOP T&R x8的SRAM 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 16-QSOP T&R 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Channel TFT-LCD Reference Voltage Generator with External Shutdown; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R 12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R x8 SRAM 100MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 24-QSOP T&R 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 10-MSOP x8SRAM
|
Moeller Electric, Corp. Atmel, Corp.
|
2SC4957 2SC4957-T1 2SC4957-T2 2SC4957NE68539E 2SC4 |
Microwave low-noise amplification silicon transistor HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 高频低噪声放大器NPN硅外延晶体管4个引脚微型模 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
NEC, Corp. NEC Corp.
|
STPS5L25B-TR STPS5L25 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) LOW DROP POWER SCHOTTKY RECTIFIER
|
STMicroelectronics ST Microelectronics
|
MAX851 MAX851ESA MAX851ISA MAX850 MAX850ESA MAX850 |
Low-noise, regulated, negative charge-pump power supplies for GaAsFET bias. 2mVp-p output voltage ripple. 100kHz chage-pump switching frequency. Logic-level shutdown mode: 1microA max over temp. Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias 低噪声、稳压型、负输出电荷泵,用于GaAsFET偏置电源 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias Low-Noise / Regulated / Negative Charge-Pump Power Supplies for GaAsFET Bias
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SG2001-3.0 SG2001-3.0XN5_TR SG2001-3.3 SG2001-3.3X |
150mA, Low Power, Low Noise Low Dropout, Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|
SG2002-2.5 SG2002-2.5XN5_TR SG2002-2.8 SG2002-2.85 |
300mA, Low Power, Low Noise Low Dropout, Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|