PART |
Description |
Maker |
PDU620 PDU620-13 PDU620-15 |
6A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5 Discrete - Rectifiers (0.5A and higher) - Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes Incorporated
|
FFPF06U20DP FFPF06U20DPTU |
Ultrafast with soft recovery FAST RECOVERY POWER RECTIFIER 6A/200V Ultra Fast Recovery Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
F10L60U SF10L60 SF10L60U |
Super Fast Recovery Rectifiers(600V 10A) Super Fast Recovery Rectifiers - Single (Two Terminal Type)
|
Shindengen Electric Mfg... SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
|
DFLU1200 DFLU1200-7 |
Discrete - Rectifiers (0.5A and higher) - Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|
FFPF10U20DP FFPF10U20 FFPF10U20DPTU |
FAST RECOVERY POWER RECTIFIER 10A/200V Ultra Fast Recovery Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
CURA103-HF CURA102-HF CURA105-HF CURA104-HF CURA10 |
Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=800V, V-R=800V, I-O=1A SMD Ultra Fast Recovery Rectifiers
|
Comchip Technology
|
FFA30U20DN FFA30U20DNTU |
ULTRA FAST RECOVERY POWER RECTIFIER 30A/200V Ultra Fast Recovery Rectifiers Ultra Fast Recovery Power Rectifer(平均整流电流30A超快恢复功率整流 30 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
1N4934-B 1N4935-B 1N4933-B 1N4937-B |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|
PR2001 |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|
UF3004 UF3001 UF3002 UF3003 |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|