PART |
Description |
Maker |
74ALVCH16373 74ALVCH16373_3 ACH16373DL 74ALVCH1637 |
2.5 V / 3.3 V 16-bit D-type transparent latch (3-State) From old datasheet system 2.5V/3.3V 16-bit D-type transparent latch 3-State 2.5V/3.3V 16-bit D-type transparent latch(3-State)(2.5V/3.3V 16D透明锁存器(三态))
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
V54FCT846ADL V74FCT374PO V74FCT245PO |
8-Bit D-Type Latch Octal D-Type Flip-Flop 八路D类触发器 Single 8-bit Bus Transceiver 位总线收发
|
3M Company
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CS5525 CS5525-AP CS5525-AS CS5525-BP CS5525-BS CS5 |
16/20-Bit, Multirange A/D Converters with 4-Bit Latch 16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
|
CIRRUS[Cirrus Logic]
|
74LVC162373A 74LVC162373ADGG 74LVC162373ADL 74LVC_ |
16-bit D-type transparent latch with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω系列终端电阻器,5V输入/输出容限6位D透明锁存器(三态)) 16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state From old datasheet system
|
Philips Semiconductors
|
GD74HCT373D |
8-Bit D-Type Latch
|
|
M74HC75 M74HC75M1R M54HC75 M54HC75F1R M74HC75B1R M |
4 BIT D TYPE LATCH
|
STMICROELECTRONICS[STMicroelectronics]
|
HEF4042BTD-T HEF4042BPN |
1-Bit D-Type Latch 1位D型锁存器
|
Microchip Technology, Inc.
|
DM74ALS873N/B |
4-Bit D-Type Latch 4位D型锁存器
|
EPCOS AG
|
74ACT563PC |
8-Bit D-Type Latch 8位D型锁存器
|
Fairchild Semiconductor, Corp.
|