PART |
Description |
Maker |
A065URD73LI1800 A090URD73LI1400 A120URD73LI0800 A1 |
VERY FAST BLOW ELECTRIC FUSE, 1800A, 650VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1400A, 900VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 800A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 1300VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 700A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 400A, 1300VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 500A, 1200VAC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
217080P 217.063P 217.040P 217.800P 217.500P 217.20 |
Available in Cartridge and Axial Lead Form FAST BLOW ELECTRIC FUSE, 0.05A, 250VAC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.063A, 250VAC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.032A, 250VAC, 35A (IR), INLINE/HOLDER 5 x 20 mm Fast-Acting Fuse
|
Littelfuse
|
BK/S500-3.15-R BK/S500-1.6-R BK/S500-250-R S500-10 |
FUSE 3.15A 250V FAST GLASS S500 FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 1.6A 250V FAST GLASS S500 FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 250MA 250V FAST GLASS S500 FAST BLOW ELECTRIC FUSE, 0.25A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 10 FAST BLOW ELECTRIC FUSE, 10
|
Cooper Bussmann, Inc.
|
F0402E0R25FSTR F0603C1R25FWTR F0603C1R75FWTR F0603 |
Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.25A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.25A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.75A, 24VAC, 24VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.375A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.75A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 2.5A, 16VAC, 16VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.5A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1A, 63VAC, 63VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.25A, 63VAC, 63VDC, SURFACE MOUNT
|
AVX, Corp.
|
MFU0603FF01250P100 MFU1206FF00500P100 MFU1206FF006 |
Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 1.25A, 32VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.5A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.63A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.75A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT MFU Series Thin Film Chip Fuses Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 1.25A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Thin Film Chip Fuses
|
Vishay Beyschlag Vishay Siliconix
|
AGC-V-5 AGC-V-8 AGC-V-1/2 AGC-V-10 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 5A, 250VAC, 200A (IR), THROUGH HOLE Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
TR2/6125FA5A TR2/6125FA2A TR2/6125FA10A TR2/6125FA |
FUSE BRICK 5A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT FUSE BRICK 2A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 2A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT FUSE BRICK 10A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 3.5A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
3JQ300-R 3JQ350-R 2JQ300-R |
Fuses, RoHS 300mA 350V FAST 2AG LEADED FAST BLOW ELECTRIC FUSE, 0.3A, 350VAC, 140VDC, 100A (IR), THROUGH HOLE Fuses, RoHS 350mA 350V FAST 2AG LEADED FAST BLOW ELECTRIC FUSE, 0.35A, 350VAC, 140VDC, 100A (IR), THROUGH HOLE Fuses, RoHS 300mA 350V FAST 2AG FAST BLOW ELECTRIC FUSE, 0.3A, 350VAC, 140VDC, 100A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
0603FA250-R 0603FA1.25-R 0603FA3.5-R 0603FA375-R 0 |
Chip Fuses Chip?/a> Fuses FUSE 500MA 32V FAST SMD 0603 FAST BLOW ELECTRIC FUSE, 0.5A, 32VDC, SURFACE MOUNT FUSE 4A 24V FAST SMD 0603 FAST BLOW ELECTRIC FUSE, 4A, 24VDC, SURFACE MOUNT Chip Fuses 0603FA Series, Fast-Acting Chip?Fuses 0603FA Series, Fast-Acting Chip?Fuses 0603FA Series, Fast-Acting
|
Cooper Bussmann, Inc.
|
SS-5F-1A-AP1 SS-5F-10A-AP SS-5F-2.5A-BK SS-5F-2.5A |
FAST BLOW ELECTRIC FUSE, 1A, 250VAC, 50A (IR), THROUGH HOLE ROHS COMPLIANT PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk; Voltage Rating:125V RoHS Compliant: Yes PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk; Voltage Rating:250V RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 50A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 50A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
|