PART |
Description |
Maker |
KA75270 KA75270M KA75270Z KA75330Z KA75290M KA7529 |
Voltage Detector (4.5V) Voltage Detector (2.7V) Voltage Detector (4.2V) Voltage Detector (3.9V) Voltage Detector (2.9V) Voltage Detector (3.1V) Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 Voltage Detector 电压检测器 Voltage Detector
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
TC514101AJ-60 TC514101AP TC514101AP-60 TC514101ASJ |
Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:-35V; Output Current:1A; Output Voltage:-15V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole 4,194,304 WORD x 1 BIT DYNAMIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
BU426 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 20 Watts HIGH VOLTAGE POWER SWITCH
|
意法半导 ST Microelectronics STMicroelectronics
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
SL74HC534 SL74HC534D SL74HC534N HC534 |
Octal 3-State Inverting D Flip-Flop(High-Performance Silicon-Gate CMOS) Voltage Regulator IC; Package/Case:3-TO-3; Current Rating:1.5A; Output Voltage Max:-12V; Voltage Regulator Type:Fixed Voltage; Mounting Type:Through
|
System Logic Semiconduc... SLS[System Logic Semiconductor] System Logic Semiconductor Co., Ltd.
|
STR30110 STR30112 STR30113 STR30115 STR30120 STR30 |
Voltage regulator fixed output voltage135 /-0.8V Voltage regulator fixed output voltage134 /-0.8V Voltage regulator fixed output voltage125 /-0.8V Voltage regulator fixed output voltage123 /-0.8V Voltage regulator fixed output voltage120 /-0.8V Voltage regulator fixed output voltage115 /-0.8V Voltage regulator fixed output voltage113 /-0.8V Voltage regulator fixed output voltage112 /-0.8V Voltage regulator fixed output voltage110 /-0.8V SANKEN ELECTRIC COMPANY, LTD. Sanken Hybrid IC Voltage Regulator STR30000 Series (STR30000 Series) Hybrid IC Voltage Regulator Sanken Hybrid IC Voltage Regulator STR30000 Series 三垦混合集成电路电压调节器STR30000系列 Sanken Hybrid IC Voltage Regulator STR30000 Series 三垦混合集成电路电压调节STR30000系列
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
FXLA108BQX12 FXLA10812 |
Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
1N5070 1N5075 1N5078 1N5100 1N5105 1N5103 1N5104 1 |
POWER ZENERS 45 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 160 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 36 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 14 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 16 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 30 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 18 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 33 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 56 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 10 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE CAP 100PF 100V 5% NP0(C0G) RAD.20 .20X.20 TR-13 20 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Power Zeners. 3 Watt 电源齐纳基准源3瓦特 POWER ZENERS 22 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 220 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE POWER ZENERS 320 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE FUSED-IN-GLASS METALLARGICALTY BONDED 3 WAIT ZENER DIODES
|
MICROSEMI CORP-SCOTTSDALE TE Connectivity, Ltd. Bourns, Inc. Microsemi, Corp. MICROSEMI[Microsemi Corporation] POWER ZENERS
|
|