Part Number Hot Search : 
GA48V TM3026 MP2309DS A1225 ADV75 20120 LMY82D KSC2688
Product Description
Full Text Search
  button Datasheet PDF File

For button Found Datasheets File :: 5172    Search Time::0.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ...trument and test equipment push-button applications. A choice between bandwidth or power dissipation are available as a result of the wide selection of end-to-end terminal resistance values. The AD5220 contains a fixed resistor with a wiper...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet





    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ...trument and test equipment push-button applications. Choices between bandwidth or power dissipation are available as a result of the wide selection of end-to-end terminal resistance values. The AD5222 contains two fixed resistors with wiper...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ...E STEP/AUTO SCAN DETECT PUSH-UP button PU 04422-0-001 UP/DOWN CONTROL LOGIC D E C O D E AD5228 A W B PD PUSH-DOWN button ADAPTIVE DEBOUNCER ZERO- OR MIDSCALE PRESET PRE GND Figure 1. APPLICATIONS Mechanical ...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    Murata Power Solutions
Part No. ACM3P-4-AC1-R-C ACM3P-4-AC1-G-C ACM3P-4-AC1-R-B-C
OCR Text ... as long as the front panel sel button is not touched. assum- ing phase l1 is initially illuminated, momentarily touching the sel button two times in succession will cycle the display to phase l2, and then to phase l3. momentarily touchin...
Description Three-Phase AC Ammeters

File Size 413.02K  /  6 Page

View it Online

Download Datasheet

    Philips
Part No. HR7638
OCR Text ...socket. 2 press the 'pulse / 0' button to switch the appliance off. 3 let the appliance cool down for 60 minutes. 4 put the mains plug in the wall socket. 5 switch the appliance on again. please contact your philips dealer or authorised ph...
Description Food processor User Manual

File Size 3,339.57K  /  128 Page

View it Online

Download Datasheet

    CMI211-6COM-180 CMI300-810 CMI300-810FC CMI211-6COM-250 CMI300-810FM

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. CMI211-6COM-180 CMI300-810 CMI300-810FC CMI211-6COM-250 CMI300-810FM
OCR Text ...k hdd status led bar and power button with led in the front features mini-itx system for ibase mini-itx motherboards w/ cpu =< 65w tdp supports up to 6x com ports with id394 with motherboards i/o shields and extra 2x usb ports suppo...
Description Slim Type for IBASE MI810 Mini-ITX Motherboard

File Size 878.34K  /  1 Page

View it Online

Download Datasheet

   
Part No. PHAP3320 PHAP3381R PHAP3368F PHAP3368D PHAP3390R PHAP3362A PHAP3368C PHAP3350B PHAP3371AR
OCR Text ...ing : 4,2 x 4,2 mm case, 1,5 mm button height from pcb ? reflow solderable ? with or without positioning pins ? for tape and reel packaging, add r at the end of model number. ?0.80 (.031 dia) (.024) 0.60 1.50 (.059) 1.10 (.020) (.137) 3.50 ...
Description KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 2.1 N, THROUGH HOLE-STRAIGHT
KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 2.1 N, SURFACE MOUNT-STRAIGHT
KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.1 N, SURFACE MOUNT-STRAIGHT
KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 2.3 N, THROUGH HOLE-STRAIGHT

File Size 258.17K  /  14 Page

View it Online

Download Datasheet

    Erhardt Leimer
Part No. CV2201
OCR Text ...calculated is < 12.5 v. ? press button s10 and keep pressed. button s10 simulates a nominal characteristic of 1mv/v. ? measure output voltage u direct . ? adjust gain using potentiometer r43 until the output voltage u direct calculated is...
Description Web tension measuring amplifier

File Size 836.25K  /  12 Page

View it Online

Download Datasheet

    Samsung
Part No. CS21A730 CS21Z30 CS21Z50 CS21Z57 CS21M40 CS21Z45
OCR Text ...50 or 60hz. 2 press the i button (on/off) on the front (or side) of the television. 3 press the power button on the remote control to switch the television on. the programme that you were watching last is re-selected automatica...
Description COLOUR TELEVISION

File Size 1,966.09K  /  8 Page

View it Online

Download Datasheet

    HANNspree
Part No. SJ42DMBB
OCR Text ... outlet. 3. press the power button on the control panel or the remote control to turn the tv on. r unning s etup w izar d t he s etup w izar d is displa y ed on the scr een when y ou tur n on y our l cd t v f or the first t...
Description Quick Guide

File Size 998.90K  /  1 Page

View it Online

Download Datasheet

For button Found Datasheets File :: 5172    Search Time::0.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of button

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8139917850494