PART |
Description |
Maker |
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
0460.375UR 0460.500ER 0460.750ER 0460.750UR 046000 |
Surface Mount Fuses PICO? SMF Fuse > 460 Series Surface Mount Fuses PICO SMF Fuse > 460 Series 460 Series PICO? Slo-Blo? Surface Mount Fuse The 460 Series Slo-Blo? SMF is based on Littelfuse PICO? fuse through-hole technology, though offered in a surface mount package.
|
Littelfuse
|
UMTS250 UMTS3.15 UMTS315 UMTS200 UMTS1 UMTS1.25 UM |
Square Ceramic Surface Mount Time Lag Fuse TIME LAG BLOW ELECTRIC FUSE, 5A, 350VAC, 100A (IR), SURFACE MOUNT Square Ceramic Surface Mount Time Lag Fuse
|
Bel Fuse Inc.
|
7010.9900.57 7010.9903.03 7010.9901.55 7010.9902.0 |
VERY FAST BLOW ELECTRIC FUSE, 0.063A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT VERY FAST BLOW ELECTRIC FUSE, 0.125A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT VERY FAST BLOW ELECTRIC FUSE, 0.25A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT
|
SCHURTER INC
|
MFU MFU0603FF00500E000 MFU0603FF00500E100 MFU0603F |
VERY FAST BLOW ELECTRIC FUSE, 1.25A, 32VDC, 50A (IR), SURFACE MOUNT Thin Film Flat Chip Fuses VERY FAST BLOW ELECTRIC FUSE, 2.5A, 32VDC, 50A (IR), SURFACE MOUNT
|
Vishay Siliconix VISHAY BEYSCHLAG
|
0451.125NR 0451.100NRL 0451.160MRL 0451.160NRL 045 |
Surface Mount Fuses NANO2? > Very Fast-Acting > 451/453 Series Wire-in-Air (WIA) square shape surface mount fuse 451/453 Series Fuse Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series Surface Mount Fuses NANO2? > Very Fast-Acting > 451/453 Series Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series Surface Mount Fuses Surface Mount Fuses Surface Mount Fuses NANO2? > Very Fast-Acting > 451/453 Series
|
Littelfuse
|
1206SFH200F_24 1206SFH150F_24 1206SFH100F_24 1206S |
Surface Mount Fuse High Current
|
Tyco Electronics
|
C1Q12 |
Surface Mount Very Fast-Acting Chip Fuse
|
Bel Fuse Inc.
|
SMP1.25 SMPD0104 SMP500 |
Surface Mount Power Cross Protection Fuse
|
BEL[Bel Fuse Inc.]
|
2070.0019.XX 2070.0017.XX 2070.0018.XX 2070.0012.X |
Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, Telecom
|
Schurter Inc.
|
TF600 2000.0012 2000.0011 2000.0010 |
Surface Mount Fuse, 10.1 x 3.22 mm, Time-Lag T, Telecom
|
Schurter Inc.
|
C2Q375 C2Q300 C2Q250 C2Q1 C2Q750 C2Q C2Q1.25 C2Q1. |
Surface Mount Very Fast-Acting Chip Fuse
|
BEL[Bel Fuse Inc.]
|
|