PART |
Description |
Maker |
POD-19X10.6-6P-SW |
BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
|
FERYSTER Inductive Components Manufacturer
|
52271-2279 |
PC Board Connector; No. of Contacts:22; Pitch Spacing:1mm; No. of Rows:1; Mounting Type:PCB SMT; Body Material:PA Polyamide (Nylon) 4/6; Contact Material:Phosphor Bronze; Gender:Receptacle; Series:52271 RoHS Compliant: Yes
|
MOLEX INC
|
MCP1701T-25021/TO MCP1701T-25021/MB MCP1701T-25021 |
5 V FIXED POSITIVE LDO REGULATOR, 0.63 V DROPOUT, PBCY3 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft; Conductor Material:Copper RoHS Compliant: Yes 5015 RR 3#8 3#16 SKT RECP Multiconductor Security and Alarm Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes 2uA Low Dropoout Positive Voltage Refulator 五成低Dropoout正电压Refulator 5015 RR 2#8 2#16 PIN RECPT 五成低Dropoout正电压Refulator
|
Microchip Technology Inc. Microchip Technology, Inc.
|
1269 |
BNC Coaxial Connector; Convert From:BNC Jack; Convert To:Dual Banana Plug; Body Material:Brass; Contact Material:Beryllium Copper; Contact Plating:Gold; Voltage Rating:500V INTERCONNECTION DEVICE
|
Pomona Electronics
|
DCR5980Z18 DCR5980Z DCR5980Z12 DCR5980Z14 DCR5980Z |
Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Phase Control Thyristor Target Information
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|
BYW95A BYW95C BYW95 BYW95B BYW95_1 BYW95A/30 BYW95 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes Fast soft-recovery controlled avalanche rectifiers From old datasheet system Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
6859 |
XLR Style Audio Connector; No. of Contacts:3; Gender:Female-Female Adapter; Body Material:Zinc Alloy; Contact Material:Zinc; Contact Plating:Nickel; Series:XLR RoHS Compliant: Yes
|
POMONA ELECTRONICS
|
11EQS04 |
Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polypropylene; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1; Leaded Process Compatible:No RoHS Compliant: Yes Low Forward Voltage Drop Diode SBD
|
Nihon Inter Electronics Corporation
|
LP62S16512-I LP62S16512U-55LLI LP62S16512U-70LLI L |
512K X 16 BIT LOW VOLTAGE CMOS SRAM Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AMICC[AMIC Technology] AMIC Technology Corporation
|
PC723V0NSZX PC723V0YSZX |
Twisted Paired Computer Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Foil/Braid; Shielding Coverage:100%; Number of Pairs:1 RoHS Compliant: Yes High Collector-emitter Voltage Type Photocoupler
|
Sharp Corporation Sharp Electrionic Components
|