Part Number Hot Search : 
2SD868 473K1 J10025 4032K300 104S1RNZ B0400 CD5530B SH7206
Product Description
Full Text Search
  equivalent Datasheet PDF File

For equivalent Found Datasheets File :: 61307    Search Time::2.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G

http://
ONSEMI[ON Semiconductor]
Part No. 1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G 1.5SMC7.5AT3 1.5SMC8.2AT3 1.5SMCXXXAT3 15SMC68AT3 1.5SMCXXXAT3G 1.5SMC11AT3 1.5SMC13AT3 1.5SMC15AT3 1.5SMC16AT3 1.5SMC18AT3 1.5SMC20AT3 1.5SMC22AT3 1.5SMC27AT3 1.5SMC36AT3 1.5SMC39AT3 1.5SMC43AT3 1.5SMC47AT3 1.5SMC6.8AT3 1.5SMC62AT3G 1.5SMC82AT3 1.5SMC9.1AT3 1.5SMC91AT3 1.5SMC62AT3 1.5SMC16A 1.5SMC22A 1.5SMC24A 1.5SMC27A 1.5SMC43A 1.5SMC47A 1.5SMC51A 1.5SMC56A 1.5SMC68A 1.5SMC82A 1.5SMC15A 1.5SMC62A 1.5SMC75A 1.5SMC75AT3
OCR Text ...ions spec. 4. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 5) = 100 A) Symbol IPP VC VRWM IR VB...
Description Zener Diode
Transistor Suppressor
High Power
1500 Watt Peak Power Zener Transient Voltage Suppressors
ELR 2/1-230Z
1500 Watt Peak Power Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE

File Size 73.47K  /  8 Page

View it Online

Download Datasheet





    2SC5003

SANKEN[Sanken electric]
Part No. 2SC5003
OCR Text ....80.2 15.60.2 23.00.3 9.50.2 equivalent circuit B C ( 50 ) E Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg Transistor) sElectrical Characteristics Symbol ICBO1 ICBO2 ICEO VEBO hFE1 hFE2 VCE(sat) VBE...
Description Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output/ Switching Regulator and General Purpose)
Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output, Switching Regulator and General Purpose)

File Size 24.73K  /  1 Page

View it Online

Download Datasheet

    2SC5060 2SC5060TV2M

Rohm CO.,LTD.
Part No. 2SC5060 2SC5060TV2M
OCR Text ...1.05 14.5 4.4 0.45 !equivalent circuit C Taping specifications ROHM : ATV (1) Emitter (2) Collector (3) Base B R1 B : Base C : Collector E : Emitter R1 R2 R2 E 3k 1k !Absolute maximum ratings (Ta=25C) Parameter ...
Description Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
Power transistor (9010V, 3A)
Power transistor (9010V/ 3A)
SC70/&#181;DFN, Single/Dual Low-Voltage, Low-Power &#181;P Reset Circuits

File Size 50.71K  /  1 Page

View it Online

Download Datasheet

    2SD2439

SANKEN[Sanken electric]
Part No. 2SD2439
OCR Text equivalent circuit C Darlington 2SD2439 sElectrical Characteristics Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=160V VEB=5V IC=30mA VCE=4V, IC=7A IC=7A, IB=7mA IC=7A, IB=7mA VCE=12V, IE=-2A VCB=10V, f=1M...
Description Silicon NPN Triple Diffused Planar Transistor(Audio, Series Regulator and General Purpose)

File Size 24.85K  /  1 Page

View it Online

Download Datasheet

    2SK2764-01R

FUJI ELECTRIC HOLDINGS CO., LTD.
FUJI[Fuji Electric]
Part No. 2SK2764-01R
OCR Text ...50 Unit V A A V A mJ W C C > equivalent Circuit - Electrical Characteristics (TC=25C), unless otherwise specified Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current...
Description N-channel MOS-FET

File Size 292.33K  /  2 Page

View it Online

Download Datasheet

    5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ A

AD[Analog Devices]
Analog Devices, Inc.
Part No. 5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ AD536ASCHIPS AD536ASD AD536ASE AD536ASH 5962-89805 AD536 AD883B AD536AKH_ AD536AKH/
OCR Text ...s dc) input signal and gives an equivalent dc output level. The true rms value of a waveform is a more useful quantity than the average rectified value since it relates directly to the power of the signal. The rms value of a statistical sig...
Description Complete Monolithic IC Which Performs True RMS-to-DC Conversion
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No
JT 28C 26#20 2#16 SKT PLUG
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, CDIP14
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, MBCY10

File Size 149.33K  /  8 Page

View it Online

Download Datasheet

    74AC00 74AC00B 74AC00M 4692

STMicroelectronics
Part No. 74AC00 74AC00B 74AC00M 4692
OCR Text ...high speed operation similar to equivalent Bipolar Schottky TTL. The internal circuit is composed of 3 stages including buffer output, which enables high noise immunity and stable output. All inputs and outputs are equipped with protection ...
Description QUAD 2-INPUT NAND GATE
From old datasheet system

File Size 66.97K  /  7 Page

View it Online

Download Datasheet

    74AC02 74AC02B 74AC02M 4693

STMICROELECTRONICS[STMicroelectronics]
Part No. 74AC02 74AC02B 74AC02M 4693
OCR Text ...high speed operation similar to equivalent Bipolar Schottky TTL. The internal circuit is composed of 3 stages including buffer output, which enables high noise immunity and stable output. All inputs and outputs are equipped with protection ...
Description    QUAD 2-INPUT NOR GATE
From old datasheet system

File Size 67.05K  /  7 Page

View it Online

Download Datasheet

    74AC04 74AC04B 74AC04M 4936

STMICROELECTRONICS[STMicroelectronics]
Part No. 74AC04 74AC04B 74AC04M 4936
OCR Text ...high speed operation similar to equivalent Bipolar Schottky TTL. The internal circuit is composed of 3 stages including buffer output, which enables high noise immunity and stable output. All inputs and outputs are equipped with protection ...
Description From old datasheet system
HEX INVERTER

File Size 66.49K  /  7 Page

View it Online

Download Datasheet

    74AC08 74AC08B 74AC08M 4694

STMICROELECTRONICS[STMicroelectronics]
Part No. 74AC08 74AC08B 74AC08M 4694
OCR Text ...high speed operation similar to equivalent Bipolar Schottky TTL. The internal circuit is composed of 2 stages including buffer output, which enables high noise immunity and stable output. All inputs and outputs are equipped with protection ...
Description From old datasheet system
QUAD 2-INPUT AND GATE

File Size 66.74K  /  7 Page

View it Online

Download Datasheet

For equivalent Found Datasheets File :: 61307    Search Time::2.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of equivalent

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.62000703811646