PART |
Description |
Maker |
PUMB2 PEMB2-PUMB2-15 |
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. PNP/PNP resistor-equipped transistors R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTA123E PDTA123EE PDTA123EEF PDTA123EK PDTA123EU |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼? PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
PDTA144E PDTA144EE PDTA144EU PDTA144EU115 PDTA144E |
PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=47千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 47 k惟, R2 = 47 k惟
|
NXP Semiconductors N.V.
|
PUMB19 PUMD19 PEMD19 PEMH19 PUMH19 PEMB19 PEMD1911 |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR PEMD19; PUMD19; NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTB113ZT215 PDTB113ZT |
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
NXP Semiconductors N.V.
|
PDTC144TU PDTA144T PDTA144TE PDTA144TEF PDTA144TK |
PDTA144T series; PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMB18 PUMB18 |
PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
|
NXP Semiconductors
|
PUMB9 PEMB9 |
PNP/PNP resistor-equipped transistors; R1 = 10 kW/ R2 = 47 kW PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMD10 PEMD10_1 |
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm/ R2 = 47 kohm From old datasheet system NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm R2 = 47 kohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|