PART |
Description |
Maker |
MAN6160E MAN6180E MAN6480E MAN6460E MAN6980E MAN69 |
Green 0.560 inch Single digit stick display, common anode 0.56 INCH (14.2MM) SINGLE DIGIT STICK DISPLAY 0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY
|
FAIRCHILD[Fairchild Semiconductor]
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3406LG LTS3406LG -LTS3406LG |
The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY ALUMINUM ELECTROLYTIC CAPACITOR; CAPACITANCE:10UF; CAPACITANCE TOLERANCE: /- 20
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3406LP LTS3406LP |
The LTS-3406LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3403LP LTS3403LP |
The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
FYE-1000BZX-00 FYE-1000BZX-01 |
10.00 Inch (254.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-8012BX-30 FYS-8012AX-40 |
0.80 Inch (20.40mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-5013DX-00 FYS-5013DX-02 FYS-5013DX-10 FYS-5013 |
0.50 Inch (12.70mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-12012BX-30 FYS-12012AX-40 FYS-12012AX-41 |
1.20 Inch (30.50mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-5615BX-00 FYS-5615AX-02 FYS-5615AX-00 |
0.56 Inch (14.20mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-3612AX-40 FYS-3612AX-41 |
0.36 Inch (9.10mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|