Description |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment Display
|