PART |
Description |
Maker |
SW12145W |
High rate discharge battery
|
Shenzhen Sunnyway Battery Tech Co.Ltd.
|
SW12310W |
High rate discharge battery
|
Shenzhen Sunnyway Battery Tech Co.Ltd.
|
NH35-2500 |
Based on 500 mA (0.2C rate) continuous discharge to 1.0 volts
|
Energizer
|
IRLHS2242PBF IRLHS2242PBF-15 |
Charge and Discharge Switch for Battery Application
|
International Rectifier
|
IRFHM8329PBF IRFHM8329TRPBF |
Charge and Discharge Switch for Notebook PC Battery Application
|
International Rectifier
|
IRFHM8326TRPBF |
Charge and Discharge Switch for Notebook PC Battery Application
|
International Rectifier
|
DRBC-1 |
DUAL RATE BATTERY CHARGER
|
Gamewell-FCI by Honeywell
|
IRF9328PBF IRF9328TRPBF IRF9328PBF-15 |
HEXFET Power MOSFET Charge and Discharge Switch for Notebook PC Battery Application Industry-Standard SO8 Package
|
International Rectifier
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
SPBM505-4.2X4 SPBM505-4.2X1 SPBM505-4.2X4MA |
300 AMPS DISCHARGE 20 AMPS CHARGE CURRENT PROGRAMABLE BATTERY BYPASS MODULE SILICON, RECTIFIER DIODE
|
SOLID STATE DEVICES INC Solid State Devices, Inc. SSDI[Solid States Devices, Inc] Solid States Devices, Inc.
|
NCP45524 |
ecoSWITCH Advanced Load Management: 6A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out or Adj. Slew Rate, Adj. Discharge
|
ON Semiconductor
|
2SA2072 |
High voltage discharge / High speed switching / Low Noise
|
Rohm
|