PART |
Description |
Maker |
SET111411 SET111403 SET111412 SET111419 SET111404 |
High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?400V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?1000V,娓╁害55???骞冲??存??垫?30A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) 3 PHASE, 30 A, SILICON, BRIDGE RECTIFIER DIODE High Density,High Current,3-Phase Full Wave Bridge Rectifier(????靛?150V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴??涓???ㄦ尝妗ユ?娴??) High Density,High Current,3-Phase Full Wave Bridge Rectifier(反向电压1000V,温度55℃时平均整流电流45A,高密大电三相全波桥整流器) 高密度,大电3 -相全波桥式整流器(反向电000V的温5℃时平均整流电流45A条,高密度,大电流,三相全波桥整流器 HIGH CURRENT, 3-PHASE FULL WAVE BRIDGE ASSEMBLY
|
Semtech, Corp. Semtech Corporation
|
SS10PU200 |
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
|
Bruckewell Technology
|
SS1P3L-E3/84A SS1P3L-E3/85A |
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
SS5P100 |
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
|
Bruckewell Technology L...
|
SS3P6L SS3P5L-E386A SS3P5L-E387A SS3P5L SS3P5L-E3 |
Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
|
Vishay Siliconix http://
|
AN48830B |
Low current consumption, high sensitivity CMOS Hall IC Operate by the value of magnetic flux density, regardless of polarity
|
Panasonic
|
SS3P6L-M3/87A SS3P5L-M3-87A SS3P5L-M3-86A SS3P5LHM |
3 A, 60 V, SILICON, RECTIFIER DIODE, TO-277A HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, SMPC, 3 PIN Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
|
Vishay Beyschlag Vishay Siliconix
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
SS3P4 |
High-Current Density Surface Mount Schottky Rectifier
|
Vishay Siliconix
|
SSB43L SSB44 |
High-Current Density Surface Mount Schottky Rectifier
|
Shenzhen Taychipst Electronic Co., Ltd
|
SS2P6 SS2P5 SS2P5-E3_84A SS2P5-E3_85A |
High-Current Density Surface Mount Schottky Rectifier
|
VISAY[Vishay Siliconix]
|
SS2P5-E3_84A SS2P5-E3_85A SS2P5HE3_84A SS2P5HE3_85 |
High-Current Density Surface Mount Schottky Rectifier
|
Vishay Siliconix
|