PART |
Description |
Maker |
LCP-1250RJ3SR-S LCP-1250RJ3SR-L LCP-1250RJ3SR |
RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface 符合RoHS铜小型可插拔的千兆以太网(SFP)收发器带有SGMII接口
|
DELTA[Delta Electronics, Inc.]
|
HFBR-0559 HFBR-5903 HFBR-5903A HFBR-5903E |
Evaluation Kit for Fast Ethernet for multimode 评估板快速以太网多模 HFBR-0559 · Evaluation Kit for Fast Ethernet for multimode HFBR-5903 · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet HFBR-5903A · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Temperature HFBR-5903E · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Shield FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) http://
|
SPC-GB-ZX-39CNA SPC-GB-ZX-61CDA SPC-GB-ZX-61CNA SP |
CWDM 80 Km Gigabit Ethernet SFP Transceiver
|
http:// Source Photonics, Inc.
|
AFBR-700SDZ AFBR-707SDZ AFCT-5016Z |
10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
|
AVAGO TECHNOLOGIES LIMITED
|
PLRXPL-SX-S43-22-N PLRXPL-SC-S43-22-N |
FIBER OPTIC TRANSCEIVER, 840-860nm, 10520Mbps(Tx), 10520Mbps(Rx), SURFACE MOUNT, LC CONNECTOR 10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
|
JDS Uniphase Corporation
|
RTL8208 |
2.5/3.3 V single chip octal 10/100MBPS fast ethernet transceiver REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
|
Realtek ETC N.A.
|
JSH-01LWAA1 |
10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
|
JDS Uniphase Corporation
|
PLRXPL-VX-S43-23-N |
10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
|
JDS Uniphase Corporation
|
V23838-M305-M56 INFINEONTECHNOLOGIESAG-V23838-M305 |
SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LCConnector
|
Infineon Technologies AG
|
TRXNFEMM TRP3FE0L1I00000G TRP3FE0L1C00000G |
Fast Ethernet SFP Multimode Transceivers Fast Ethernet SFP Multimode Transceivers
|
OPLINK Communications Inc. OPLINK Communications I...
|
TRPAFELXABSS TRPAFELXAASS TRPAFELXAESS |
Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
|
OPLINK Communications Inc.
|