PART |
Description |
Maker |
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
L6920D L6920 |
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER 1V的高SYNCRONOUS升压转换 1V HIGH EFFICIENCY SYNCHRONOUS STEP UP CONVERTER
|
STMicroelectronics N.V. 意法半导
|
BZW06-11 BZW06-111 BZW06-136 BZW06-14 BZW06-145 BZ |
3 V FIPS-140 security supervisor with battery switchover TRANSIL PMOLED display power supply 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC 20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY TRANSIL OVER VOLTAGE PROTECTED AC POWER SWITCH 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC OVER VOLTAGE PROTECTED AC POWER SWITCH 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC DC-DC step down power supply 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Hybrid controller (4 1) for AMD SVID and PVID processors 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC High efficiency step-down controller with embedded 2 A LDO regulator 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC AC LINE SWITCH 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC DC/DC converter control circuits 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC ROHS COMPLIANT, PLASTIC, DO-15, 2 PIN 3 A, 900 kHz, monolithic synchronous step-down regulator 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Unidirectional and bidirectional Transient Voltage Suppressor Diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC 1A CONSTANT CURRENT BATTERY CHARGER 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 5A SWITCHING REGULATOR AC Switch family Alternating current switch Isolated Flyback Switching Regulator with 9V Output 2 A step down switching regulator for automotive applications White LED power supply AC switch family transient voltage protected AC switch (ACS") MICROPOWER VFM STEP-UP DC/DC CONVERTER 6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications 2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs High efficiency monolithic synchronous step down regulator Dual synchronous step-down controller with adjustable LDO 1.5A switch step down switching regulator LNB supply and control IC with step-up converter and I²C interface Step-up and inverting DC-DC converter 1.9 A DC-DC converter modules TRANSILTM
|
STMicroelectronics N.V. Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] EIC discrete Semiconductors Diotec Elektronische ST Microelectronics
|
UVP-7188X UVP-7188 7188EGWA |
0.787 inch ( 20.0mm ) 8X8 DOT MATRIX LED DISPLAY 0.787英寸(二十零点零毫米X8点阵LED显示 High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
|
Unity Opto Technology Co., Ltd. UOT[Unity Opto Technology]
|
SP6642 SP6642EU SP6642UEB SP6643 SP6643EU |
Single Alkaline Cell High Efficiency Step-Up DC-DC Converter Application Note:High Current Output Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
|
SIPEX[Sipex Corporation]
|
LTC1143L-ADJ LTC1143LCS-ADJ |
Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
Linear Technology Corporation
|
LTC3250-1.2 3250FA LTC3250ES6-1.5 LTC3250ES6-1.2 L |
From old datasheet system High Efficiency, Low Noise,
Inductorless Step-Down
DC/DC Converter High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.35 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6
|
Cypress Semiconductor Corp. Linear Technology, Corp.
|
LTC1771 LTC17711 LTC1771ES8 LTC1771IS8 LTC1771IS8T |
10A Quiescent Current High Efficiency Step-Down DC/DC Controller 10µA Quiescent Current High Efficiency Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, PDSO8 10µA Quiescent Current High Efficiency Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1 A SWITCHING CONTROLLER, PDSO8 10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
|
Linear Technology, Corp.
|
LTC1147 LTC1147-3.3 LTC1147-5 LTC1147C LTC1147CN8- |
OCTAL BUS TRANSCEIVER O.C. 20-SOIC 0 to 70 SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO8 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS From old datasheet system High Efficiency Step-Down Switching Regulator Controllers
|
Linear Technology, Corp. 稳压 Linear Technology Corporation
|
LTC1735IGN-1TR LTC1735-1-15 |
High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO16 High Efficiency Synchronous Step-Down Switching Regulator
|
Linear Technology, Corp.
|
|