PART |
Description |
Maker |
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
MC100ES6039 MC100ES6039EGR2 MC100ES6039DW MC100ES6 |
3.3 V ECL/PECL/HSTL/LVDS /-2/4, /-4/5/6 Clock Generation Chip 3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip 3.3 ECL / PECL HSTL / LVDS / 44 / 6时钟发生器芯
|
Freescale (Motorola) FREESCALE[Freescale Semiconductor, Inc] Freescale Semiconductors 飞思卡尔半导体(中国)有限公司
|
CO-432 |
ECL/PECL Clock Oscillators
|
Vectron International
|
AZ10LVE111FN AZ100LVE111 AZ100LVE111FN AZ100LVE111 |
ECL/PECL 1:9 Differential Clock Driver
|
AZM[Arizona Microtek, Inc]
|
AZ100LVE210FNR2 |
3.0 V-5.5 V, ECL/PECL 1:4, 1:5 differential clock driver
|
Arizona Microtek
|
MC100LVEP14-D |
2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
|
ON Semiconductor
|
NB100LVEP22106 NB100LVEP221FARG NB100LVEP221 NB100 |
2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
|
ONSEMI[ON Semiconductor]
|
MC100EP1406 MC100EP14DTR2G MC100EP14 MC100EP14DT M |
3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
|
ONSEMI[ON Semiconductor]
|
MC100LVEP21006 MC100LVEP210FARG MC100LVEP210 MC100 |
2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
|
ONSEMI[ON Semiconductor]
|