PART |
Description |
Maker |
APT100DL60B APT100DL60BG APT100DL60S APT100DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
CPD2410 |
Fast Recovery Rectifier 1 Amp Glass Passivated Rectifi er Chip
|
Central Semiconductor Corp
|
VS-HFA30TA60CHN3 |
Ultrafast and ultrasoft recovery
|
Vishay Siliconix
|
SBT250-10JS |
100V, 25A Rectifi er
|
Sanyo Semicon Device
|
DBB08 DBB08G-TM-E |
0.8A Single-Phase Bridge Rectifi er
|
ON Semiconductor
|
CMIDSH1-3 PB-CMIDSH1-1509 |
CMJ0130_CMJH180 1.0A, 30V Low VF Schottky Rectifi er
|
Central Semiconductor Corp Central Semiconductor C...
|
PFF50 |
Axial Leaded Hermetically Sealed High Voltage Superfast Rectifi er Diode
|
Semtech Corporation
|
NRD4004TR-5KF NRD4001TR-5KF |
Surface Mount Silicon Rectifi er Diode 1 A, 50 V, SILICON, SIGNAL DIODE, DO-214AC
|
NIC-Components Corp. NIC COMPONENTS CORP
|
1N4046 1N4049 1N4048 1N4045 1N4056 1N4044 1N4047 1 |
275 Amp Avg Power Silicon Rectifier Diodes 275安培平均电力硅整流二极管 275am Avg POWER SILICON RECTIFIER DIODES 100V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 150V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 200V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 250V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 300V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 400V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 500V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 600V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 700V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 900V 275A Std. Recovery Diode in a DO-205AB (DO-9)package 1000V 275A Std. Recovery Diode in a DO-205AB (DO-9)package
|
International Rectifier, Corp. IRF[International Rectifier]
|
302U010A 302U020A 302U030A 302U10A 302U60A 302UR02 |
STANDARD RECOVERY DIODES 50V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 400V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 100V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 1000V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 600V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 200V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 320 x 240 pixel format, CFL backlight available with power harness STANDARD RECOVERY DIODES 标准恢复二极
|
IRF[International Rectifier] International Rectifier, Corp.
|