PART |
Description |
Maker |
NCV4269D1R2 NCV4269 NCV4269D1 NCV4269D2 NCV4269D2R |
5.0 V micropower 150 mA LDO linear regulator with DELAY, adjuistable RESET and sense output. Output voltage 5.0 V. 5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ON Semiconductor
|
NCV4269D1R2 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
NCV8512PW50G NCV8512 NCV8512PW50R2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
|
ONSEMI[ON Semiconductor]
|
NCV4269C NCV4269CD150R2G NCV4269CD250R2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output 5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
|
ON Semiconductor
|
NCP3985SN275T1G NCP3985SN18T1G NCP3985SN28T1G NCP3 |
Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5
|
http:// ON Semiconductor
|
NCV8505D2TADJR4G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO7
|
ON Semiconductor
|
NCV86603D33R2G NCV86603DT50RKG NCV86604D50R2G NCV8 |
3.3 V / 150 mA Very Low Quiescent Current LDO w/ Reset, Delay Reset Select (16 ms / 64 ms) FIXED POSITIVE LDO REGULATOR, PDSO8 Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
|
ON Semiconductor
|
LP2951ACD LP2951ACD-3.0 LP2951ACD-3.3 LP2951ACDM L |
Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDIP8 Micropower Voltage Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 From old datasheet system
|
http:// ONSEMI[ON Semiconductor]
|
NCP698SQ25T1G |
150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable 2.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4
|
ON Semiconductor
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
NCV8503PWADJG NCV8503PWADJR2G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
可调正电压单路输出LDO稳压 ON Semiconductor
|
LT1763IDE-1.5 LT1763IDE-1.5-PBF LT1763IDE-1.5-TR L |
500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 7; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 4 X 3 MM, 0.75 MM HEIGHT, LEAD FREE, PLASTIC, MO-229WGED, DFN-12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
|